Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6182 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM6182 Datasheet HTML 1Page - National Semiconductor (TI) LM6182 Datasheet HTML 2Page - National Semiconductor (TI) LM6182 Datasheet HTML 3Page - National Semiconductor (TI) LM6182 Datasheet HTML 4Page - National Semiconductor (TI) LM6182 Datasheet HTML 5Page - National Semiconductor (TI) LM6182 Datasheet HTML 6Page - National Semiconductor (TI) LM6182 Datasheet HTML 7Page - National Semiconductor (TI) LM6182 Datasheet HTML 8Page - National Semiconductor (TI) LM6182 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
±18V
Differential Input Voltage
±6V
Input Voltage
±Supply Voltage
Inverting Input Current
15 mA
Output Short Circuit
(Note 4)
Soldering Information
Dual-In-Line Package (N)
Soldering (10s)
260˚C
Small Outline Package (M)
Vapor Phase (60s)
215˚C
Infrared (15s)
220˚C
Storage Temperature Range
−65˚C
≤ T
J ≤ +150˚C
Junction Temperature
150˚C
ESD Rating (Note 2)
±2000V
Operating Ratings
Supply Voltage Range
7V to 32V
Junction Temperature Range (Note 3)
LM6182AM
−55˚C
≤ T
J ≤ +125˚C
LM6182AI, LM6182I
−40˚C
≤ T
J ≤ +85˚C
±15V DC Electrical Characteristics
The following specifications apply for supply voltage = ±15V, Vcm = V
O = 0V, Rf = 820Ω, and RL = 1kΩ unless otherwise
noted. Boldface limits apply at the temperature extremes; all other limits T
J = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 5)
LM6182AM LM6182AI
LM6182I
Units
Limit
Limit
Limit
(Note 6)
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
2.0
3.0
3.0
5.0
mV
4.0
3.5
5.5
max
TCV
OS
Input Offset Voltage Drift
5.0
µV/˚C
I
B
Inverting Input Bias Current
2.0
5.0
5.0
10.0
µA
max
12.0
12.0
17.0
Non-Inverting Input Bias Current
0.75
2.0
2.0
3.0
4.0
4.0
5.0
TCI
B
Inverting Input Bias Current Drift
30
nA/˚C
Non-Inverting Input Bias Current Drift
10
I
B
Inverting Input Bias Current
±4.5V
≤ V
S ±16V
0.1
0.5
0.5
0.75
µA/V
max
PSR
Power Supply Rejection
3.0
3.0
4.5
Non-Inverting Input Bias Current
±4.5V
≤ V
S ±16V
0.05
0.5
0.5
0.5
Power Supply Rejection
1.5
1.5
3.0
I
B
Inverting Input Bias Current
−10V
≤ V
CM ≤ +10V
0.15
0.5
0.5
0.75
CMR
Common Mode Rejection
1.0
1.0
1.5
Non-Inverting Input Bias Current
−10V
≤ V
CM ≤ +10V
0.1
0.5
0.5
0.5
Common Mode Rejection
1.0
1.0
1.5
CMRR
Common Mode Rejection Ratio
−10V
≤ V
CM ≤ +10V
60
50
50
50
dB
47
47
47
min
PSRR
Power Supply Rejection Ratio
±4.5V
≤ V
S ±16V
80
70
70
70
dB
67
67
65
min
R
O
Output Resistance
A
V = −1
0.2
f = 300 kHz
R
IN
Non-Inverting Input Resistance
10
M
V
O
Output Voltage Swing
R
L = 1kΩ
12
11
11
11
V
min
10
10
10
R
L = 150Ω
11
9.5
9.5
9.5
5.6
6.0
6.0
I
SC
Output Short Circuit Current
100
70
70
70
mA
37.5
40
40
min
www.national.com
3


Similar Part No. - LM6182

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LM618 KODENSHI-LM618 Datasheet
293Kb / 1P
   High-Brightness RGB Full Color
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
logo
Texas Instruments
LM6181 TI1-LM6181 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
National Semiconductor ...
LM6181AIM NSC-LM6181AIM Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
LM6181AIM-8 NSC-LM6181AIM-8 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
More results

Similar Description - LM6182

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
THS3491 TI-THS3491_V01 Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
   Output current up to 100 mA
logo
Texas Instruments
THS3491 TI1-THS3491 Datasheet
838Kb / 28P
[Old version datasheet]   900-MHz, High-Power Output, Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com