Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA7024PI-25 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PA7024PI-25
Description  Programmable Electrically Erasable Logic Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA7024PI-25 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PA7024PI-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA7024PI-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA7024PI-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA7024PI-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA7024PI-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA7024PI-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
PA7024
Ordering Information
Part Number
Speed
Temperature
Package
PA7024P-15
10/15ns
C
P24
PA7024J-15
J28
PA7024JN-15
JN28
PA7024S-15
S24
PA7024P-20
13/20ns
C
P24
PA7024J-20
J28
PA7024JN-20
JN28
PA7024S-20
S24
PA7024PI-25
17/25ns
I
P24
PA7024JI-25
17/25ns
I
J28
PA7024JNI-25
17/25ns
I
JN28
PA7024SI-25
17/25ns
I
S24
Part Number
Device
PA7024J-20
Package
P = Plastic 300mil DIP
J = Plastic (J) Leaded Chip Carrier
JN = PLCC Alternate Pin Out
S = SOIC 300mil Gullwing
Temperature Range
(Blank) = Commercial 0 to 70°C
I = Industrial -40 to +85°C
Speed
-15 = 10ns/15ns tpdi/tpdx
-20 = 13ns/20ns tpdi/tpdx
-25 = 17ns/25ns tpdi/tpdx
Suffix


Similar Part No. - PA7024PI-25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PA70 VISHAY-PA70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
MTRONPTI
PA7003 MTRONPTI-PA7003 Datasheet
231Kb / 2P
   Suitable for all modulations standards
PA7004 MTRONPTI-PA7004 Datasheet
230Kb / 2P
   Suitable for all modulations standards
PA7006 MTRONPTI-PA7006 Datasheet
179Kb / 2P
   3.8??.2GHz 10W 40dB SOLID STATE POWER AMPLIFIER
logo
List of Unclassifed Man...
PA700A ETC2-PA700A Datasheet
306Kb / 12P
   Wide-Band LTE/Cellular/CDMA SMD Antenna
More results

Similar Description - PA7024PI-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PA7572 ANACHIP-PA7572 Datasheet
323Kb / 10P
   Programmable Electrically Erasable Logic Array
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
   PA7540 PEEL Array Programmable Electrically Erasable Logic Array
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com