Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106-M2-P10-10A Datasheet(PDF) 4 Page - ETAL Group

Part # 106-M2-P10-10A
Description  Motors, transformers, solenoids, printed circuit boards, hand-held machines and appliances, marine applications, caravans.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

106-M2-P10-10A Datasheet(HTML) 4 Page - ETAL Group

  106-M2-P10-10A Datasheet HTML 1Page - ETAL Group 106-M2-P10-10A Datasheet HTML 2Page - ETAL Group 106-M2-P10-10A Datasheet HTML 3Page - ETAL Group 106-M2-P10-10A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.e-t-a.de
4
Thermal Overcurrent Circuit Breakers 104/105/106-...
1628
1
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the
circuit breaker current ratings by the derating factor shown below. See also
section Technical information.
Ambient temperature °F
°C
-4
-20
+14
-10
+32
0
+73.4
+23
+104
+40
+122
+50
+140
+60
Derating factor
0.76 0.84
0.92
1
1.08
1.16
1.24
14
30
… times rated current
0.05 - 6 A
7 - 10 A
10000
1000
100
10
1
0.1
26
20
810
Typical time/current characteristics at +23 °C/+73.4 °F
Accessories
Water splash cover (transparent)/knurled nut assembly
(type 106-... only)
X 201 285 01 (IP64)
ø15
3
3/8-27UNS-2B
Knurled nut 3/8", plastic (standard)
Y 307 117 02
.118
.591
3/8-27UNS-2B
SW14
Hex nut 3/8", nickel-plated brass
Y 300 192 01
2.5
.551
.098
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 106-M2-P10-10A

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
106-M HDSEMI-106-M Datasheet
1Mb / 4P
   SOD-123FL Plastic-Encapsulate Diodes
More results

Similar Description - 106-M2-P10-10A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
1410-F110-P1-F1-W14Q ETAL-1410-F110-P1-F1-W14Q Datasheet
191Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L210-L2F1 ETAL-1410-L210-L2F1_16 Datasheet
255Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1-S01 ETAL-1410-L110-L1F1-S01 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation.
1110-F112-P1M1 ETAL-1110-F112-P1M1 Datasheet
179Kb / 2P
   Motors, transformers, solenoids, extra low voltage systems, household and office machines, instrumentation, marine applications, mobile homes
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
3130-F ETAL-3130-F Datasheet
269Kb / 6P
   Motors, transformers, solenoids, household and office machines, electrical tools, mobile homes, boating, construction vehicles, medical equipment to EN 60601
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com