Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRVUS360VBT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVUS360VBT3G
Description  Surface Mount Ultrafast Power Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVUS360VBT3G Datasheet(HTML) 3 Page - ON Semiconductor

  NRVUS360VBT3G Datasheet HTML 1Page - ON Semiconductor NRVUS360VBT3G Datasheet HTML 2Page - ON Semiconductor NRVUS360VBT3G Datasheet HTML 3Page - ON Semiconductor NRVUS360VBT3G Datasheet HTML 4Page - ON Semiconductor NRVUS360VBT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MURS360BT3G, NRVUS360VBT3G, SURS8360BT3G
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Square
Figure 5. Typical Capacitance
Figure 6. Current Derating, Lead
Vr, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
100
80
60
40
20
0
0
10
20
30
40
50
60
70
155
135
125
115
105
85
75
65
0
1
2
3
4
5
Figure 7. Current Derating, Ambient
Figure 8. Typical Forward Power Dissipation
TA, AMBIENT TEMPERATURE (°C)
IF(AV), AVERAGE FORWARD CURRENT (A)
150
125
100
75
50
25
0
0
1
2
3
4
3
2
1
0
0
1
2
3
4
Figure 9. Maximum Forward Power
Dissipation
TJ = 25°C
f = 1 MHz
95
145
dc
Square Wave
dc
dc
RqJA = 71°C/W
RqJA = 120°C/W
No Heatsink
Square Wave
dc
TJ = 150°C
IF(AV), AVERAGE FORWARD CURRENT (A)
4
3
2
1
0
0
1
2
3
4
Square Wave
dc
TJ = 150°C
10
100
1000
10000
10
100
1,000
10,000
tp, SQUARE WAVE PULSE DURATION (ms)
Figure 10. Typical Non−Repetitive Surge
Current
*Typical performance based on a limited sample size.
ON Semiconductor does not guarantee ratings not listed
in the Maximum Ratings table.


Similar Part No. - NRVUS360VBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVUS110VT3G ONSEMI-NRVUS110VT3G Datasheet
68Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 13
NRVUS110VT3G ONSEMI-NRVUS110VT3G Datasheet
195Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
NRVUS110VT3G-GA01 ONSEMI-NRVUS110VT3G-GA01 Datasheet
195Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
NRVUS120VT3G ONSEMI-NRVUS120VT3G Datasheet
68Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 13
NRVUS120VT3G ONSEMI-NRVUS120VT3G Datasheet
195Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
More results

Similar Description - NRVUS360VBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
   Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS360BT3 ONSEMI-MURS360BT3_11 Datasheet
96Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com