Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRVTSAF260ET3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NRVTSAF260ET3G
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTSAF260ET3G Datasheet(HTML) 1 Page - ON Semiconductor

  NRVTSAF260ET3G Datasheet HTML 1Page - ON Semiconductor NRVTSAF260ET3G Datasheet HTML 2Page - ON Semiconductor NRVTSAF260ET3G Datasheet HTML 3Page - ON Semiconductor NRVTSAF260ET3G Datasheet HTML 4Page - ON Semiconductor NRVTSAF260ET3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
November, 2016 − Rev. 3
1
Publication Order Number:
NRTSAF260E/D
NRTSAF260E,
NRVTSAF260E
Very Low Forward Voltage
Trench-based Schottky
Rectifier
Features
Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
Fast Switching with Exceptional Temperature Stability
Low Power Loss and Lower Operating Temperature
Higher Efficiency for Achieving Regulatory Compliance
Low Thermal Resistance
High Surge Capability
NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These are Pb−Free and Halide−Free Devices
Mechanical Characteristics:
Case: Molded Epoxy
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 95 mg (Approximately)
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Maximum for 10 Seconds
MSL 1
Typical Applications
Switching Power Supplies including Compact Adapters and Flat
Panel Display
High Frequency and DC−DC Converters
Freewheeling and OR−ing diodes
Reverse Battery Protection
Instrumentation
Automotive LED Lighting (Interior and Exterior)
TRENCH SCHOTTKY
RECTIFIER
2.0 AMPERES
60 VOLTS
MARKING DIAGRAM
SMA−FL
CASE 403AA
SYTLE 6
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NRTSAF260ET3G
SMA−FL
(Pb−Free)
10,000/
Tape & Reel
NRVTSAF260ET3G
SMA−FL
(Pb−Free)
10,000/
Tape & Reel
www.onsemi.com
26E
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
26E
AYWW
G


Similar Part No. - NRVTSAF260ET3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTSAF345T3G ONSEMI-NRVTSAF345T3G Datasheet
60Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NRVTSAF360 ONSEMI-NRVTSAF360 Datasheet
59Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NRVTSAF360T3G ONSEMI-NRVTSAF360T3G Datasheet
59Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NRVTSAF5100E ONSEMI-NRVTSAF5100E Datasheet
116Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 0
NRVTSAF5100ET3G ONSEMI-NRVTSAF5100ET3G Datasheet
116Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 0
More results

Similar Description - NRVTSAF260ET3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com