Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM1035CA1W0 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZSPM1035CA1W0
Description  True Digital PWM Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM1035CA1W0 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZSPM1035CA1W0 Datasheet HTML 2Page - Integrated Device Technology ZSPM1035CA1W0 Datasheet HTML 3Page - Integrated Device Technology ZSPM1035CA1W0 Datasheet HTML 4Page - Integrated Device Technology ZSPM1035CA1W0 Datasheet HTML 5Page - Integrated Device Technology ZSPM1035CA1W0 Datasheet HTML 6Page - Integrated Device Technology ZSPM1035CA1W0 Datasheet HTML 7Page - Integrated Device Technology ZSPM1035CA1W0 Datasheet HTML 8Page - Integrated Device Technology ZSPM1035CA1W0 Datasheet HTML 9Page - Integrated Device Technology ZSPM1035CA1W0 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
ZSPM1035C / ZSPM1035D Datasheet
© 2016 Integrated Device Technology, Inc.
6
January 25, 2016
1
IC Characteristics
Note: The absolute maximum ratings are stress ratings only. The ZSPM1035C/D might not function or be
operable above the recommended operating conditions. Stresses exceeding the absolute maximum ratings might
also damage the device. In addition, extended exposure to stresses above the recommended operating
conditions might affect device reliability. IDT does not recommend designing to the “Absolute Maximum Ratings.”
1.1.
Absolute Maximum Ratings
PARAMETER
PINS
CONDITIONS
MIN
TYP
MAX
UNITS
Supply voltages
5V supply voltage
VDD50
dV/dt < 0.15V/µs
-0.3
5.5
V
Maximum slew rate
0.15
V/µs
3.3V supply voltage
VDD33
-0.3
3.6
V
1.8V supply voltage
VDD18
AVDD18
-0.3
2.0
V
Digital pins
Digital I/O pins
GPIOx
CONTROL
PGOOD
LSE
PWM
-0.3
5.5
V
Analog pins
Current sensing
ISNSP
ISNSN
-0.3
5.5
V
Voltage feedback
VFBP
VFBN
-0.3
2.0
V
All other analog pins
ADCVREF
VREFP
TEMP
VIN
CONFIGx
-0.3
2.0
V
Ambient conditions
Storage temperature
-40
150
°C
Electrostatic discharge –
Human Body Model
1)
+/-2k
V
Electrostatic discharge –
Charge Device Model
1)
+/- 500
V
1)
ESD testing is performed according to the respective JESD22 JEDEC standard.


Similar Part No. - ZSPM1035CA1W0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM1035CA1W0 ETC2-ZSPM1035CA1W0 Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035CA1W0 RENESAS-ZSPM1035CA1W0 Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results

Similar Description - ZSPM1035CA1W0

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
   True Digital PWM Controller
ZSPM2000 IDT-ZSPM2000 Datasheet
499Kb / 42P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
   True Digital PWM Controller
ZSPM1025A IDT-ZSPM1025A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
   True Digital PWM
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com