Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM1063-KIT02 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSPM1063-KIT02
Description  True Digital PWM Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM1063-KIT02 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSPM1063-KIT02 Datasheet HTML 1Page - Integrated Device Technology ZSPM1063-KIT02 Datasheet HTML 2Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
True Digital PWM Controller
(Single-Phase, Single-Rail)
ZSPM1063
Datasheet
© 2016 Integrated Device Technology, Inc.
2
May 11, 2016
Typical Applications
Telecom Switches
Servers and Storage
Base Stations
Network Routers
Industrial Applications
Single-Rail/Single-Phase
Supplies for Processors,
ASICs, FPGAs, DSPs
Sequencer
Configurable
Error Handler
Clock
Gen
OV/UV
Detection
OC Detection
FLASH
ADC
CPU
Core
NVM
(OTP)
1.8V
Reg
Digital
1.8V
Reg
Analog
VREF
VFBP
VFBN
AVDD18
VDD18
Adaptive
Digital
Controller
PWM
VFB
Digital Control Loop
ISNSP
ISNSN
Int.
Temp
Sense
TEMP
VREFP
3.3V
Reg
SMBus
GPIO
DAC
DAC
Average
Current Sensing
OT Detection
Vin OV/UV
Detection
RVSET
ADDR0
VDD33
RTUNE
PWM
LSE
VIN
VTRACK
HKADC
ADDR1
COT
Controller
Current
Limiting
SYNC
Bias
Current
Source
Ordering Information
Sales Code
Description
Package
ZSPM1063BA1R 1
ZSPM1063 Lead-free QFN32
— Temperature range: -40°C to +125°C
Reel
ZSPM1063-KIT02
Evaluation Kit with PMBus™ Communication Interface. The Pink Power Designer™ GUI is available for download on
www.IDT.com/ZSPM1063 after login (see details in data sheet section 7).
*
This product is sold under a limited license from PowerOne, Inc. related to digital power technology as set forth in U.S. Patent 7000125 and other related
patents owned by PowerOne, Inc. This license does not extend to stand-alone power supply products.
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guarante ed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, includin g, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey an y license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.
ZSPM1063 Block Diagram


Similar Part No. - ZSPM1063-KIT02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM1000 ETC2-ZSPM1000 Datasheet
254Kb / 3P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Integrated Device Techn...
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
   True Digital PWM Controller
logo
List of Unclassifed Man...
ZSPM1000ZA1R1 ETC2-ZSPM1000ZA1R1 Datasheet
254Kb / 3P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Integrated Device Techn...
ZSPM1000ZA1R1 IDT-ZSPM1000ZA1R1 Datasheet
92Kb / 2P
   True Digital PWM Controller
logo
List of Unclassifed Man...
ZSPM1000ZI1R1 ETC2-ZSPM1000ZI1R1 Datasheet
254Kb / 3P
   True Digital PWM Controller (Single-Phase, Single-Rail)
More results

Similar Description - ZSPM1063-KIT02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1035C IDT-ZSPM1035C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM2000 IDT-ZSPM2000 Datasheet
499Kb / 42P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
   True Digital PWM Controller
ZSPM1025A IDT-ZSPM1025A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
   True Digital PWM
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com