Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4523KIT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZSPM4523KIT
Description  High-Efficiency Solar PV MPPT Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4523KIT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZSPM4523KIT Datasheet HTML 2Page - Integrated Device Technology ZSPM4523KIT Datasheet HTML 3Page - Integrated Device Technology ZSPM4523KIT Datasheet HTML 4Page - Integrated Device Technology ZSPM4523KIT Datasheet HTML 5Page - Integrated Device Technology ZSPM4523KIT Datasheet HTML 6Page - Integrated Device Technology ZSPM4523KIT Datasheet HTML 7Page - Integrated Device Technology ZSPM4523KIT Datasheet HTML 8Page - Integrated Device Technology ZSPM4523KIT Datasheet HTML 9Page - Integrated Device Technology ZSPM4523KIT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ZSPM4523 Datasheet
© 2016 Integrated Device Technology, Inc.
6
January 29, 2016
1.3.
Recommended Operating Conditions
Table 1.3
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Photovoltaic Input Operating Voltage
VIN
3.2
5.3
7.2
V
Sense Resistor
RSENSE
50
m
Output Filter Inductor Typical Value
1)
LOUT
4.7
µH
Output Filter Capacitor Typical Value
2)
COUT
4.7
µF
Output Filter Capacitor ESR
COUT-ESR
100
m
Input Supply Bypass Capacitor Typical Value
3)
CIN
3.3
10
µF
VDD Supply Bypass Capacitor Value
2)
CVDD
70
100
130
nF
Operating Free Air Temperature
TA
-40
85
°C
Operating Junction Temperature
TJ
-40
125
°C
1)
For best performance, use an inductor with a saturation current rating higher than the maximum VOUT load requirement plus the
inductor current ripple.
2)
For best performance, use a low ESR ceramic capacitor.
3)
For best performance, use a low ESR ceramic capacitor. If CIN is not a low ESR ceramic capacitor, add a 0.1µF ceramic capacitor in
parallel to CIN.
1.4.
Electrical Characteristics
Electrical Characteristics, TJ = -40°C to 125°C, VIN = 5.3V (unless otherwise noted).
Table 1.4
Electrical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
VIN Supply Voltage
Photovoltaic Voltage Input
VIN
3.2
5.3
7.2
V
Quiescent Current
Normal Mode
ICC-NORM
ILOAD = 0A, EN ≥ 2.2V (HIGH)
3
mA
Quiescent Current
Disabled Mode
ICC-
DISABLE
EN = 0V
10
50
µA
VOUT Leakage
Leakage Current From
Output
IOUT-LEAK
EN = 0V, VOUT = 2.7V
10
µA
Reverse Current
IOUT-BACK
VOUT>VIN, VOUT = 2.7V
10
µA


Similar Part No. - ZSPM4523KIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM4523KIT RENESAS-ZSPM4523KIT Datasheet
515Kb / 25P
   High-Efficiency Solar PV MPPT Regulator for Super Capacitor Systems
January 29, 2016
More results

Similar Description - ZSPM4523KIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM4523 RENESAS-ZSPM4523 Datasheet
515Kb / 25P
   High-Efficiency Solar PV MPPT Regulator for Super Capacitor Systems
January 29, 2016
logo
List of Unclassifed Man...
ZSPM4523 ETC2-ZSPM4523 Datasheet
271Kb / 3P
   High-Efficiency Solar PV MPPT Regulator for Super Cap Systems
logo
STMicroelectronics
SPV1040 STMICROELECTRONICS-SPV1040 Datasheet
618Kb / 15P
   High efficiency solar battery charger with embedded MPPT
logo
Linear Technology
LT8490 LINER-LT8490 Datasheet
413Kb / 8P
   High Efficiency MPPT Battery Charger Controller
logo
Tycon Systems, Inc.
TPDIN-SC48-20 TYCONSYSTEMS-TPDIN-SC48-20 Datasheet
320Kb / 2P
   MPPT Solar Controller w/ Monitor and PoE Switch
Rev 7 6-May-20
logo
Molex Electronics Ltd.
1302031250 MOLEX-1302031250 Datasheet
115Kb / 1P
   UNLOCK TOOL, PV SOLAR DC CONNECTOR
1302031290 MOLEX11-1302031290 Datasheet
115Kb / 1P
   UNLOCK TOOL, PV SOLAR DC CONNECTOR
logo
Mean Well Enterprises C...
ISI-500 MEANWELL-ISI-500 Datasheet
402Kb / 2P
   Modified Sine Wave DC-AC Inverter with MPPT Solar Charger
ISI-500_1109 MEANWELL-ISI-500_1109 Datasheet
334Kb / 2P
   Modified Sine Wave DC-AC Inverter with MPPT Solar Charger
logo
Shenzhen Huazhimei Semi...
HM4036 HMSEMI-HM4036 Datasheet
612Kb / 13P
   Boost type battery charging integrated circuit with solar panel MPPT function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com