Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1140-F211-P1M1-16A Datasheet(PDF) 1 Page - ETAL Group

Part # 1140-F211-P1M1-16A
Description  Motors, transformers, solenoids, hand-held machines and appliances
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1140-F211-P1M1-16A Datasheet(HTML) 1 Page - ETAL Group

  1140-F211-P1M1-16A Datasheet HTML 1Page - ETAL Group 1140-F211-P1M1-16A Datasheet HTML 2Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermal Overcurrent Circuit Breaker 1140-...
www.e-t-a.de
1635
1
1
Description
Typical applications
Ordering information
Approvals
Technical data
Miniaturised single pole thermal circuit breaker with push-to-reset
tease-free, trip-free, snap action mechanism (R-type TO CBE to EN
60934). Available in versions for panel mounting, snap-in or threadneck,
or as an integral type. For lower current ratings see types 104, 105, 106.
Approved to CBE standard EN 60934 (IEC 60934).
Motors, transformers, solenoids, hand-held machines and appliances.
1140-E...
1140-F...
1140-G.1.
For further details please see chapter: Technical Information
Voltage rating
AC 240 V; DC 48 V
(UL: AC 250 V; DC 50 V)
Current ratings
3.5...16 A
Typical life
AC + DC
3.5...8 A
200 operations at 2 x IN, inductive
9...16 A
100 operations at 2 x IN, inductive
Ambient temperature
-20...+60 °C (-4...+140 °F) T 60
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664 A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 3,000 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
3.5...8 A
8 x IN
9...16 A
120 A
Interrupting capacity
IN
UN
(UL 10777)
3.5...16 A
DC 50 V
2,000 A
3.5...16 A
AC 250 V
2,000 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40 050)
terminal area IP00
Vibration
10 g (57-500 Hz) ± 0.76 mm (10-57 Hz),
to IEC 60068-2-6, test Fc,
10 frequency cycles/axis
Shock
25 g (11 ms)
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 10 g
Standard current ratings and typical internal resistance values
Type No.
1140
single pole thermal circuit breaker
Mounting
E2 integral mounting
F1 snap-in panel mounting
G1 threadneck panel mounting 3/8-27UNS with hex nut and
knurled nut (hardware bulk shipped with 5 pcs plus)
Number of poles
1 1-pole protected
Actuator style
1
black push button
Terminal design
P1 blade terminals A6.3-0.8 (QC .250)
Characteristic curve
M1
medium delaye
Current ratings
3.5...16 A
1140 - F1 1 1 - P1 M1 - 10 A = ordering example
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
Current
rating (A)
Internal
resistance (Ω)
Current
rating (A)
Internal
resistance (Ω)
3.5
0.06
10
< 0.02
4
0.04
11
< 0.02
5
0.03
12
< 0.02
6
0.02
13
< 0.02
7
< 0.02
14
< 0.02
8
< 0.02
15
< 0.02
9
< 0.02
16
< 0.02
Preferred types
Standard current ratings (A)
4 5 6 7 8 9 10 11 12 13 14 15 16
1140-G111-P1M1-
x
x
x
x
x
x
x
x
x
x
x
x
x
Preferred types
Authority
Standard
Rated voltage
Current ratings
VDE
IEC/EN 60934
AC 240 V
DC 48 V
3.5 A…16 A
3.5 A…16 A
UL
UL 1077
AC 250 V
DC 50 V
3.5 A…16 A
3.5 A…16 A
CSA
C22.2 No 235
AC 250 V
DC 50 V
3.5 A…15 A
3.5 A…16 A


Similar Part No. - 1140-F211-P1M1-16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
1140-F111-P1M1-11A ETC1-1140-F111-P1M1-11A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
1140-F111-P1M1-12A ETC1-1140-F111-P1M1-12A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
1140-F111-P1M1-13A ETC1-1140-F111-P1M1-13A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
1140-F111-P1M1-14A ETC1-1140-F111-P1M1-14A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
More results

Similar Description - 1140-F211-P1M1-16A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1410-F110-P1-F1-W14Q ETAL-1410-F110-P1-F1-W14Q Datasheet
191Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L210-L2F1 ETAL-1410-L210-L2F1_16 Datasheet
255Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1-S01 ETAL-1410-L110-L1F1-S01 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation.
104-PR ETAL-104-PR Datasheet
347Kb / 4P
   Motors, transformers, solenoids, printed circuit boards, hand-held machines and appliances, marine applications, caravans.
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
1110-F112-P1M1 ETAL-1110-F112-P1M1 Datasheet
179Kb / 2P
   Motors, transformers, solenoids, extra low voltage systems, household and office machines, instrumentation, marine applications, mobile homes
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
3130-F ETAL-3130-F Datasheet
269Kb / 6P
   Motors, transformers, solenoids, household and office machines, electrical tools, mobile homes, boating, construction vehicles, medical equipment to EN 60601
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com