Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1626-2-15A Datasheet(PDF) 1 Page - ETAL Group

Part # 1626-2-15A
Description  Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1626-2-15A Datasheet(HTML) 1 Page - ETAL Group

  1626-2-15A Datasheet HTML 1Page - ETAL Group 1626-2-15A Datasheet HTML 2Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermal automotive Mini-CBE 1626-...
www.e-t-a.de
1646
1
1
Description
Typical applications
Current ratings, typical voltage drop values and colour coding
Technical data
Single pole, thermal miniaturised circuit breaker designed for automotive
applications. Fits into fuse blocks designed to ISO 8820-3, Type F.
Automatic reset (for DC 12 V only) and open circuit (modified reset to
SAE) version optional. Open circuit version ensures contacts staying
open as long as power is on. The circuit breaker will reset after the
load is removed. Particularly suitable for installation in inaccessible
locations.
Current ratings correspond to those of blade fuses. Clear colour
coding of the ratings: blade fuse and circuit breaker of the same colour
have the same rating.
Breakers rated 7.5 A through 30 A have a fast characteristic curve and
only hold 70 % of their rated current continuously.
US patent number: US 8,576,042,B2
Protection of electrical systems of passenger cars, trucks, buses,
watercraft, extra low voltage wiring systems.
1626-1/-2
1626-3
1626-3H
Voltage rating
1626-1/-2: DC 12 V
1626-3/-3H: DC 12 V, DC 24 V
Max. voltage rating
1626-1/-2: DC 14.5 V
1626-3/-3H: DC 29.0 V
Current ratings
5...30 A
5 A: medium characteristic curve
7.5...30 A: fast characteristic curve
Service short-circuit
breaking capacity
300 operations at 2 x IN
Ambient temperature
-40...+85 °C (-40…+185 °F)
(for higher temperatures please enquire)
Reset period for 1626-1
(at 23 °C)
≤ 15 s
Reset period for 1626-2
(at 23 °C) after 5 sec at
rated voltage
< 35 s
Degree of protection
(IEC 60529)
operating area IP40 (-3)
operating area IP50 (-1, -2)
terminal area IP00
Ultimate short-circuit
breaking capacity
≥ 3 break operations at 150 A, or
≥ 1 break operation at 2,000 A
Vibration
10 g (57-500 Hz), ± 0.38 mm (10-57 Hz)
to IEC 60068-2-6, test Fc
10 frequency cycles/axis
SAE-J553, Step No. 14, § 4.2.7.1.5
Shock
50 g (11 ms)
to IEC 60068-2-27, test Ea
SAE-J553, Step No. 14, § 4.2.7.1.6
Corrosion
96 hrs in 5 % salt mist,
to IEC 60068-2-11, test Ka
SAE-J553, Step No. 14, § 4.2.7.1.3
Humidity
240 hrs in 95 % RH,
to IEC 60068-2-78, test Cab
SAE-J553, Step No. 14, § 4.2.7.1.2
Mass
approx. 3 g
Caution:
It is good practice to switch off the vehicle’s ignition system before
manually releasing or re-setting the circuit breaker. Free travel of the
reset button must be ensured! Please ensure to push in the actuator
smoothly and completely.
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications without
notice is reserved. Product markings may not be exactly as the ordering codes. Errors and
omissions excepted.
Ordering information
Type No.
1626 single pole thermal Mini-CBE with standard characteristic curve
Version, according to SAE J553
1
type 1, DC 12 V automatic reset
2
type 2, DC 12 V modified reset
3
type 3, DC 24 V with reset button
3H type 3*, DC 24 V with reset button and manual release facility
Current ratings
5
7.5
10
15
20
25
30 A
1626 - 1 - 10 A
ordering example
Current rating (A)
Voltage drop (mV)
Housing cap colour
5
< 150
light brown
7.5
< 150
brown
10
< 150
red
15
< 150
blue
20
< 150
yellow
25
< 150
white
30
< 150
light green


Similar Part No. - 1626-2-15A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1626-2 ETC2-1626-2 Datasheet
493Kb / 1P
   Space saving design for high density packaging
More results

Similar Description - 1626-2-15A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1620-1 ETAL-1620-1 Datasheet
229Kb / 2P
   Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com