Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1626-1-20A Datasheet(PDF) 2 Page - ETAL Group

Part # 1626-1-20A
Description  Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1626-1-20A Datasheet(HTML) 2 Page - ETAL Group

  1626-1-20A Datasheet HTML 1Page - ETAL Group 1626-1-20A Datasheet HTML 2Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thermal automotive Mini-CBE 1626-...
www.e-t-a.de
1646
2
1
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the
circuit breaker current ratings by the derating factor shown below. See also
section Technical information.
Ambient temperature °F
Ambient temperature °C
-40
-40
-22
-30
-4
-20
+14
-10
+32
0
+50
+10
Derating factor
0.73
0.78
0.82
0.86
0.91
0.95
Ambient temperature °F
Ambient temperature °C
+73.4
+23
+104
+40
+122
+50
+140
+60
+158
+70
+185
+85
Derating factor
1
1.09
1.16
1.25
1.33
1.43
times rated current
7.5...30 A
5 A
times rated current
10000
1000
100
10
1
0,1
10000
1000
100
10
1
0,1
0,4 0,6 0,812
4
6 8 10
20
40
0,4 0,6 0,8 12
46 8102040
1626-1 / 1626-2
2.8
.110
0.8
.032
7
.276
3.8
.149
10.9
.429
12.7
.500
4.5
.177
GERMANY
13.3
.524
2.8
1626-3
2
.079
3.5
.138
0.6
.024
1.8
.071
GERMANY
13.3
.524
1626-3H
3.5
.138
13.3
.524
7
.275
4.8
.189
GERMANY
1
2
1626-1
1
2
1626-3
1
2
1626-3H
1
2
1626-2
Dimensions
Internal connection diagrams
Typical time/current characteristic curve at +23 °C / +73.4 °F
This ist a metric design and millimeter dimensions take precedence (mm
inch)


Similar Part No. - 1626-1-20A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1626-1 ETC2-1626-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
More results

Similar Description - 1626-1-20A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1620-1 ETAL-1620-1 Datasheet
229Kb / 2P
   Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com