Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4064 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 4064
Description  14-bit, 500 MSa/s, 512k point (Ch2 only) arbitrary waveform generator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4064 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  4064 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4064 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4064 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4064 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4064 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.bkprecision.com
Dual Channel Function/Arbitrary Waveform Generators
4060 Series
4
Specifications
Accuracy
± 2 ppm (1 year)
Resolution
1 µHz
Arbitrary Characteristics
Built-in Waveforms
36
Waveform Length
Ch1: 16,000 points, Ch2: 512,000 or 16,000 points
Vertical Resolution
14 bits
Sampling Rate
500 MSa/s
Minimum Rise/Fall Time
6 ns (typical)
Jitter (pk-pk)
2 ns (typical)
Non-volatile Memory Storage
8 x 512 kpts waveforms and 24 x16 kpts waveforms
Output Characteristics
Amplitude Range (into 50
Ω)
1 mVpp – 10 Vpp,
≤ 40 MHz
1 mVpp – 5 Vpp,
≤ 100 MHz
1 mVpp – 1.5 Vpp,
≤ 160 MHz
Amplitude Resolution
up to 4 digits
Amplitude Accuracy (100 kHz)
± (0.3 dBm + 1 mVpp)
Amplitude Flatness
(relative to 100 kHz Sine, 1 Vpp)
≤ 10 MHz ± 0.2 dB
≤ 80 MHz ± 0.5 dB
≤ 160 MHz ± 0.8 dB
Cross Talk
< -65 dBc
Offset Range (DC)
± 5 V into 50
Ω
± 10 V into open circuit
Offset Resolution
up to 4 digits
Offset Accuracy
± ( |offset setting value| x 1% + 1 mV)
Output Impedance
50
Ω, high impedance
Output Protection
short-circuit protection
Waveform Characteristics
Harmonic Distortion (Sine)
DC – 1 MHz, < -54 dBc
1 MHz – 10 MHz, < -46 dBc
10 MHz – 100 MHz, < - 35 dBc
100 MHz – 160 MHz, < -26 dBc
Total Harmonic Distortion (Sine)
DC – 20 kHz at 1 Vpp, < 0.2 %
Spurious (non-harmonic)
DC – 1 MHz, < -70 dBc
1 MHz – 10 MHz, < -65 dBc
Phase Noise
100 kHz offset, - 116 dBc/Hz (typical)
Rise/Fall Time (Square)
< 8 ns (10 % - 90 %) at full amplitude into 50
Ω
Variable Duty Cycle (Square)
20% - 80% to 10 MHz
40% - 60% to 40 MHz
50% > 50 MHz
Asymmetry (50% duty cycle)
1% of period + 5 ns (typical,1 kHz, 1 Vpp)
Jitter (Square)
100 ps rms (typical)
Ramp Symmetry
0% - 100%
Linearity (Triangle, Ramp at 1 kHz,
1 Vpp, 100% Symmetry)
< 0.1% of peak output (typical)
Model
4063
4064
4065
Channels
2
Frequency Characteristics
Sine
1 µHz – 80 MHz
1 µHz – 120 MHz
1 µHz – 160 MHz
Square
1 µHz – 40 MHz
1 µHz – 50 MHz
Triangle, Ramp
1 µHz – 4 MHz
Pulse
1 µHz – 20 MHz
1 µHz – 30 MHz
1 µHz – 40 MHz
Gaussian Noise (-3 dB)
100 MHz
Arbitrary
1 µHz – 20 MHz
1 µHz – 30 MHz
1 µHz – 40 MHz


Similar Part No. - 4064

ManufacturerPart #DatasheetDescription
logo
Heyco.
4064 HEYCO-4064 Datasheet
108Kb / 1P
   Shorty Snap Rivets
logo
B&K Precision Corporati...
4064B BK-4064B Datasheet
2Mb / 6P
   Dual Channel Function/Arbitrary Waveform Generators
logo
NEC
4064C NEC-4064C Datasheet
288Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
More results

Similar Description - 4064

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4053B ETC2-4053B Datasheet
2Mb / 5P
   14-bit, 150 MSa/s, 16k point arbitrary waveform generator
4075B ETC2-4075B Datasheet
375Kb / 6P
   14-bit, 200 MSa/s, 16 Mpts arbitrary waveform generator
logo
Keysight Technologies
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
   GSa/s Arbitrary Waveform Generator
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
logo
National Instruments Co...
PXI-5422 NI-PXI-5422 Datasheet
371Kb / 3P
   200 MS/s, 16-Bit Arbitrary Waveform Generator
logo
Keysight Technologies
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
National Instruments Co...
778697-01 NI-778697-01 Datasheet
469Kb / 4P
   100 MS/s, 16-Bit Arbitrary Waveform Generator
logo
Keysight Technologies
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com