Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8512 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8512
Description  DC Electronic Loads
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8512 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8512 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8512 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8512 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8512 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8512 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8512 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The 8500 series Programmable DC Electronic
Loads can be used for testing and evaluating a
variety of DC power sources. Their wide
operating ranges of up to 500 V and 240 A,
flexible operating modes and excellent
measurement accuracy make the 8500 series
well suited for characterizing DC Power
supplies, DC-DC Converters, batteries, fuel
cells and solar cells.
The loads can operate in CC, CV, CR or CP
mode while voltage/current or resistance/power
values are measured and displayed in real time.
Load terminals are isolated and floating. Over
temperature, over power, over voltage, over
current and reverse polarity protection will help
protect your valuable prototype and circuits.
The DC loads are easy to use. All parameters
can be set quickly and precisely from the front
panel, or programmed via USB interface.
DC Electronic Loads
8500 Series
Versatile & Economical DC Electronic
Loads
Technical data subject to change
© B&K Precision Corp. 2016
Data Sheet
www.bkprecision.com
The 8500 famil y offe rs 10 mode ls with a wi de range of ratings
When selecting a DC load, it is important to
consider not only voltage and current
requirements, but also power ratings. The power
used when testing must fall within the hatched
region for the appropriate DC load.
Some applications may require high voltage/low
current and low voltage/high current which a
single load may not be able to handle. B&K
Precision’s broad range of DC loads will allow
you to select the optimal model for your
requirements.
2400W
600 W - 1200 W
300 W
I npu t cu rren t
R ated power
Model
Power
Operating Voltage
Rated Current
8500
300 W
0.1 - 120 V
30 A
8502
300 W
0.1 - 500 V
15 A
8510
600 W
0.1 - 120 V
120 A
8512
600 W
0.1 - 500 V
30 A
8514
1200 W
0.1 - 120 V
240 A
8518
1200 W
0.1 - 60 V
240 A
8520
2400 W
0.1 - 120 V
240 A
8522
2400 W
0.1 - 500 V
120 A
8524
5000 W
0.1 - 60 V
240 A
8526
5000 W
0.1 - 500 V
120 A


Similar Part No. - 8512

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
8512 BK-8512 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
Heyco.
8512 HEYCO-8512 Datasheet
151Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
8512 HEYCO-8512 Datasheet
143Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
logo
Huber+Suhner, Inc.
85120065 HUBERSUHNER-85120065 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (male), 50 Ohm, 50 GHz, 24in
85120066 HUBERSUHNER-85120066 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (male), 50 Ohm, 50 GHz, 36in
More results

Similar Description - 8512

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
8600 BK-8600 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
   Programmable DC Electronic Loads
logo
List of Unclassifed Man...
BK8500 ETC-BK8500 Datasheet
443Kb / 6P
   DC Electronic Loads 8500 series
logo
Teledyne Technologies I...
T3EL15060P TELEDYNE-T3EL15060P Datasheet
215Kb / 4P
   T3 EL DC Electronic Loads Data Sheet
logo
Maxim Integrated Produc...
MAX77642EVKIT MAXIM-MAX77642EVKIT Datasheet
2Mb / 23P
   On-Board Electronic Loads
319-100635; Rev 0; 11/20
logo
Teledyne Technologies I...
SR75-2 TELEDYNE-SR75-2 Datasheet
204Kb / 2P
   DC Loads DC Solid-State Relay
logo
List of Unclassifed Man...
DTL3A ETC1-DTL3A Datasheet
286Kb / 5P
   DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
logo
Murata Manufacturing Co...
DTL-IFB-485 MURATA-DTL-IFB-485 Datasheet
449Kb / 14P
   Interface Board for Serial-Input Electronic Loads
logo
List of Unclassifed Man...
DTL22A ETC2-DTL22A Datasheet
78Kb / 4P
   Voltage-Controlled, 20 Amp 100 Watt, Electronic Loads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com