Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS954101YFLFT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS954101YFLFT
Description  Programmable Timing Control Hub for Desktop P4 Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954101YFLFT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS954101YFLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS954101YFLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS954101YFLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS954101YFLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS954101YFLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS954101YFLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS954101YFLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS954101YFLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS954101YFLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS954101
0815D—06/21/04
Pin Description
Pin #
PIN NAME
PIN TYPE
DESCRIPTION
1
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
2
GND
PWR
Ground pin.
3
PCICLK3
OUT
PCI clock output.
4
PCICLK4
OUT
PCI clock output.
5
PCICLK5
OUT
PCI clock output.
6
GND
PWR
Ground pin.
7
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
8
ITP_EN/PCICLK_F0
I/O
Free running PCI clock not affected by PCI_STOP#.
ITP_EN: latched input to select pin functionality
1 = CPU_ITP pair
0 = SRC pair
9
PCICLK_F1
OUT
Free running PCI clock not affected by PCI_STOP# .
10
PCICLK_F2
OUT
Free running PCI clock not affected by PCI_STOP# .
11
VDD48
PWR
Power pin for the 48MHz output.3.3V
12
USB_48MHz
OUT
48.00MHz USB clock
13
GND
PWR
Ground pin.
14
DOTT_96MHz
OUT
True clock of differential pair for 96.00MHz DOT clock.
15
DOTC_96MHz
OUT
Complement clock of differential pair for 96.00MHz DOT clock.
16
FS_B/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. TEST_MODE is a real time
input to select between Hi-Z and REF/N divider mode while in test mode.
Refer to Test Clarification Table.
17
Vtt_PwrGd#/PD
IN
Vtt_PwrGd# is an active low input used to determine when latched inputs
are ready to be sampled. PD is an asynchronous active high input pin
used to put the device into a low power state. The internal clocks, PLLs
and the crystal oscillator are stopped.
18
FS_A_410
IN
3.3V tolerant low threshold input for CPU frequency selection. This pin
requires CK410 FSA. Refer to input electrical characteristics for Vil_FS
and Vih_FS threshold values.
19
SRCCLKT1
OUT
True clock of differential SRC clock pair.
20
SRCCLKC1
OUT
Complement clock of differential SRC clock pair.
21
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
22
SRCCLKT2
OUT
True clock of differential SRC clock pair.
23
SRCCLKC2
OUT
Complement clock of differential SRC clock pair.
24
SRCCLKT3
OUT
True clock of differential SRC clock pair.
25
SRCCLKC3
OUT
Complement clock of differential SRC clock pair.
26
SRCCLKT4_SATA
OUT
True clock of differential SRC/SATA pair.
27
SRCCLKC4_SATA
OUT
Complement clock of differential SRC/SATA pair.
28
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal


Similar Part No. - ICS954101YFLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS954101 RENESAS-ICS954101 Datasheet
386Kb / 18P
   Programmable Timing Control Hub™ for Desktop P4™ Systems
2019
More results

Similar Description - ICS954101YFLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS954101 RENESAS-ICS954101 Datasheet
386Kb / 18P
   Programmable Timing Control Hub™ for Desktop P4™ Systems
2019
logo
Integrated Circuit Syst...
ICS954201 ICST-ICS954201 Datasheet
157Kb / 10P
   Programmable Timing Control Hub??for Mobile P4??Systems
logo
Integrated Device Techn...
ICS954201BGLF IDT-ICS954201BGLF Datasheet
132Kb / 16P
   Programmable Timing Control Hub??for Mobile P4??Systems
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
   Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
   Programmable Timing Control Hub for P4
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
   Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Syst...
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
   PROGRAMMABLE TIMING CONTROL HUB FOR P4
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
   Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Syst...
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
   Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
   Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com