Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9182 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9182
Description  Single and dual output models with up to 210W output power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9182 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9182 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.bkprecision.com
Programmable Dual-Range DC Power Supplies
9170 & 9180 series
3
External control and programming
Versatile connectivity
These power supplies offer SCPI IEEE488.2 compatible standard USB, optional
GPIB and LAN interfaces, and an optional 8-bit digital I/O and analog control
card to facilitate test system development and integration.
Application software
Create test sequences for execution in list mode via the GPIB or USB interface
using the included PC software.
I
Create, save, and load program lists
I
View output characteristic curves and export data to a file
I
Pass/Fail test monitors maximum and minimum voltage and current values
over a specified period of time
Test sequence execution in list mode
The list mode feature allows users to download a list of commands to the
power supply’s internal memory and execute them. A total of 150 steps can
be allocated to one of 10 internal memory locations. The test sequence can be
programmed remotely through the included application software or via the USB,
GPIB, or LAN interfaces using SCPI commands. Each step’s voltage, current,
and duration parameters can be set, with sequences configured for single or
repeated execution.
Telnet interface(2)
Power supplies can be controlled with SCPI commands via a Telnet connection
over the Ethernet interface. Any computer with a Telnet client can be used to
control the power supply.
Web server interface(2)
The 9170/9180 series power supplies with the GPIB/LAN interface installed
provide a built-in Web server that allows users to configure, control, or monitor
the basic settings of the power supply from a remote computer using a Java-
enabled Web browser. Connect to the user-defined IP address to view the web
control page. SCPI commands can also be sent through the Web server interface.
Interface for controlling voltage, current, and output state
Control settings page for configuration of protection
and password settings for the system
External analog programming interface(1)
The power supplies’ output voltage and current can be controlled by either
external analog voltage or resistance. Use a 0-5 V or 0-10 V external DC
voltage source, or 0-5 kΩ variable resistor to control the output from zero to
full scale.
Multi-unit control(3)
In multi-unit control mode, up to 31 units can be daisy chained via the RS485
interface for synchronization purposes and controlled from one master unit via
the USB, GPIB, or LAN interface.
(1) Requires card option DR1DIO or DR2DIO
(2) Requires card option DRGL
(3) Requires card option DRRS485


Similar Part No. - 9182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9182 ETC2-9182 Datasheet
103Kb / 3P
   22 AWG stranded (19x34) tinned copper conductors, Datalene insulation
logo
B&K Precision Corporati...
9182 BK-9182 Datasheet
2Mb / 6P
   Programmable Dual-Range DC Power Supplies
logo
Heyco.
9182 HEYCO-9182 Datasheet
105Kb / 1P
   Countersunk Type H Rivets
logo
List of Unclassifed Man...
91820101000 ETC2-91820101000 Datasheet
103Kb / 3P
   22 AWG stranded (19x34) tinned copper conductors, Datalene insulation
9182010500 ETC2-9182010500 Datasheet
103Kb / 3P
   22 AWG stranded (19x34) tinned copper conductors, Datalene insulation
More results

Similar Description - 9182

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-210 MEANWELL-S-210 Datasheet
274Kb / 2P
   210W Single Output Swithching Power Supply
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
logo
Omron Electronics LLC
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
BCP-5-3.3-D24 ETC1-BCP-5-3.3-D24 Datasheet
240Kb / 12P
   Dual Output Mixed Voltage, BCP Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
List of Unclassifed Man...
HEC50 ETC-HEC50 Datasheet
122Kb / 2P
    SINGLE OUTPUT UP TO 15A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com