Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM11-31302 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HM11-31302
Description  Vertical Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM11-31302 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HM11-31302 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM11-31302 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM11-31302 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6-48
Model HM11 Series
OUTLINE DIMENSIONS (Inch/mm)
"C" Max.
Dia.
Schematic
"A" Max.
"B" Typical
Plated Leads
Wire Gauge
10 to 20 AWG
High Saturation
Flux Density
.14
±.02
3.6
±0.5


Similar Part No. - HM11-31302

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM11-31302 BITECH-HM11-31302 Datasheet
166Kb / 1P
   Vertical Mount Inductors
logo
List of Unclassifed Man...
HM11-31302LF ETC2-HM11-31302LF Datasheet
383Kb / 1P
   Electrical / Environmental
logo
Bi technologies
HM11-31302LF BITECH-HM11-31302LF Datasheet
488Kb / 1P
   Vertical Mount Inductors
logo
TT Electronics.
HM11-31302LF TTELEC-HM11-31302LF Datasheet
717Kb / 1P
   Vertical Mount Inductors
More results

Similar Description - HM11-31302

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM11 BITECH-HM11_16 Datasheet
488Kb / 1P
   Vertical Mount Inductors
HM11 BITECH-HM11 Datasheet
166Kb / 1P
   Vertical Mount Inductors
logo
TT Electronics.
HM11 TTELEC-HM11 Datasheet
717Kb / 1P
   Vertical Mount Inductors
logo
Rhombus Industries Inc.
L-268 RHOMBUS-IND-L-268 Datasheet
31Kb / 1P
   Vertical & Horizontal Mount Inductors
logo
Murata Power Solutions ...
33100C MURATA-PS-33100C Datasheet
137Kb / 3P
   Vertical Mount Toroidal Inductors
logo
Murata Manufacturing Co...
KMP_3300 MURATA-KMP_3300 Datasheet
130Kb / 3P
   Vertical Mount Toroidal Inductors
KMP_3200 MURATA-KMP_3200 Datasheet
129Kb / 3P
   Vertical Mount Toroidal Inductors
logo
Bourns Electronic Solut...
2301-RC BOURNS-2301-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors Horizontal or vertical mount
logo
Vishay Siliconix
IHVR-4025JZ-3Z VISHAY-IHVR-4025JZ-3Z Datasheet
176Kb / 3P
   Ultra Low DCR Inductors, High Current, Vertical Mount Series
01-Jan-2022
logo
Dubilier
DCH1210150K DUBILIER-DCH1210150K Datasheet
157Kb / 3P
   INDUCTORS SURFACE MOUNT INDUCTORS DCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com