Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR22141 Datasheet(PDF) 9 Page - International Rectifier

Part # IR22141
Description  HALF-BRIDGE GATE DRIVER IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR22141 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR22141 Datasheet HTML 5Page - International Rectifier IR22141 Datasheet HTML 6Page - International Rectifier IR22141 Datasheet HTML 7Page - International Rectifier IR22141 Datasheet HTML 8Page - International Rectifier IR22141 Datasheet HTML 9Page - International Rectifier IR22141 Datasheet HTML 10Page - International Rectifier IR22141 Datasheet HTML 11Page - International Rectifier IR22141 Datasheet HTML 12Page - International Rectifier IR22141 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
IR2214/IR22141(SS)
www.irf.com
ADVANCE DATA
HIN
DSH
SY_FLT
HON
FAULT/SD
FLTCLR
LIN
LON
DSL
50%
50%
50%
8V
8V
8V
8V
50%
50%
50%
50%
50%
90%
90%
50%
10%
90%
50%
90%
10%
90%
50%
ton
tBL
SoftShutdown
tDESAT1
tSY_FLT,DESAT1
tBL
tDESAT2
tSY_FLT,DESAT2
SoftShutdown
ton
tBL
tDESAT3
tSY_FLT,DESAT3
SoftShutdown
tBL
tDESAT4
SoftShutdown
tSY_FLT,DESAT4
toff
Figure 10:
Desat Timing
HIN
LIN
HO (HOP=HON)
LO (LOP=LON)
DTH
DTL
50%
50%
50%
50%
50%
MDT=DTH-DTL
50%
Figure 11:
Internal Dead-Time Timing


Similar Part No. - IR22141

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR22141SSPBF IRF-IR22141SSPBF Datasheet
666Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR22141SSPBF IRF-IR22141SSPBF Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
IR22141SSPBF IRF-IR22141SSPBF Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
More results

Similar Description - IR22141

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR2114SS IRF-IR2114SS Datasheet
1Mb / 21P
   HALF-BRIDGE GATE DRIVER IC
IR2214SSTRPBF IRF-IR2214SSTRPBF Datasheet
715Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR2114SSPBF IRF-IR2114SSPBF_15 Datasheet
715Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR21141SSPBF IRF-IR21141SSPBF_09 Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
   High Voltage IC Half Bridge Gate Driver
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
   High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
logo
ON Semiconductor
FAN73912 ONSEMI-FAN73912 Datasheet
3Mb / 22P
   High-Current, Half-Bridge, Gate-Driver IC
December 2016- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com