Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6603 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6603
Description  HEXFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6603 Datasheet(HTML) 5 Page - International Rectifier

  IRF6603 Datasheet HTML 1Page - International Rectifier IRF6603 Datasheet HTML 2Page - International Rectifier IRF6603 Datasheet HTML 3Page - International Rectifier IRF6603 Datasheet HTML 4Page - International Rectifier IRF6603 Datasheet HTML 5Page - International Rectifier IRF6603 Datasheet HTML 6Page - International Rectifier IRF6603 Datasheet HTML 7Page - International Rectifier IRF6603 Datasheet HTML 8Page - International Rectifier IRF6603 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRF6603
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig 10. Threshold Voltage Vs. Temperature
-75
-50
-25
0
25
50
75
100
125
150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = 250µA
25
50
75
100
125
150
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100


Similar Part No. - IRF6603

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
   DirectFET??Power MOSFET(Vdss=20V)
IRF6602 IRF-IRF6602 Datasheet
200Kb / 11P
   HEXFET Power MOSFET
IRF6602 IRF-IRF6602 Datasheet
133Kb / 9P
   DirectFET Power MOSFET
04/24/02
IRF6602TR1 IRF-IRF6602TR1 Datasheet
200Kb / 11P
   HEXFET Power MOSFET
IRF6602 IRF-IRF6602_V01 Datasheet
133Kb / 9P
   DirectFET Power MOSFET
04/24/02
More results

Similar Description - IRF6603

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
   HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
   HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRFB4410ZGPBF IRF-IRFB4410ZGPBF Datasheet
300Kb / 8P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
   HEXFETPower MOSFET
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
   HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com