Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA725AGGABCQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRA725AGGABCQ1
Description  Infotainment Applications Processor Silicon Revision 2.0
Download  409 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA725AGGABCQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRA725AGGABCQ1 Datasheet HTML 4Page - Texas Instruments DRA725AGGABCQ1 Datasheet HTML 5Page - Texas Instruments DRA725AGGABCQ1 Datasheet HTML 6Page - Texas Instruments DRA725AGGABCQ1 Datasheet HTML 7Page - Texas Instruments DRA725AGGABCQ1 Datasheet HTML 8Page - Texas Instruments DRA725AGGABCQ1 Datasheet HTML 9Page - Texas Instruments DRA725AGGABCQ1 Datasheet HTML 10Page - Texas Instruments DRA725AGGABCQ1 Datasheet HTML 11Page - Texas Instruments DRA725AGGABCQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 409 page
background image
SPRS906_BALL_01
8
DRA722, DRA724, DRA725, DRA726
SPRS956B – MARCH 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA722 DRA724 DRA725 DRA726
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4
Terminal Configuration and Functions
4.1
Terminal Assignment
Figure 4-1 shows the ball locations for the 760 plastic ball grid array (PBGA) package and isused in
conjunction with Table 4-2 through Table 4-35 to locate signal names and ball grid numbers.
Figure 4-1. ABC S-PBGA-N760 Package (Bottom View)
NOTE
The following bottom balls are not pinned out: AF7, AF10, AF13, AF16, AF19, AE4, AE25,
AB26, W3, W26, T3, T26, N3, N26, K3, K26, G3, D4, D25, C10, C13, C16, C19, C22.
These balls do not exist on the package.
NOTE
The following bottom balls are not connected: AH11, AH12, AG2, AG8, AG11, AG12, AF4,
AF6, AF8, AF9, AE3, AE5, AE6, AE8, AE9, AD3, AD8, AD9, Y15, Y16, V18, V19, U18, U19,
U22, U23, U24, U25, U26, U27, U28, T22, T23, T27, T28, R20, R22, R23, R24, R25, R26,
R27, R28, P19, P22, P23, P24, P25, P26, P27, N20, N22, N23, N27, N28, M20, M21, M22,
M23, M24, M25, M26, M27, M28, L20, L21, L22, L23, L24, L25, L26, L27, L28, K20, K21,
K22, K23, K27, K28, J20, J21, J22, J23, J24, J25, J26, J27, H20, H21, H22, H23, H24, H25,
H26, H27, H28, G22, G23, G24, G25, G26, G27, G28, F24, F25, F26, F27, F28, E24, E26,
E27, E28.
These balls can be connected as desired, including to VSS. For users designing DRA74x /
DRA75x compatible PCB, please refer to DRA75x/DRA74x Data Manual for appropriate
requirements.
4.1.1
Unused Balls Connection Requirements
This section describes the connection requirements of the unused and reserved balls.


Similar Part No. - DRA725AGGABCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA725AGGABCQ1 TI1-DRA725AGGABCQ1 Datasheet
5Mb / 408P
[Old version datasheet]   Infotainment Applications Processor
DRA725AGGABCQ1 TI1-DRA725AGGABCQ1 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
More results

Similar Description - DRA725AGGABCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA744 TI1-DRA744 Datasheet
7Mb / 443P
[Old version datasheet]   DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com