Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA725AGGABCRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRA725AGGABCRQ1
Description  Infotainment Applications Processor Silicon Revision 2.0
Download  409 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA725AGGABCRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRA725AGGABCRQ1 Datasheet HTML 5Page - Texas Instruments DRA725AGGABCRQ1 Datasheet HTML 6Page - Texas Instruments DRA725AGGABCRQ1 Datasheet HTML 7Page - Texas Instruments DRA725AGGABCRQ1 Datasheet HTML 8Page - Texas Instruments DRA725AGGABCRQ1 Datasheet HTML 9Page - Texas Instruments DRA725AGGABCRQ1 Datasheet HTML 10Page - Texas Instruments DRA725AGGABCRQ1 Datasheet HTML 11Page - Texas Instruments DRA725AGGABCRQ1 Datasheet HTML 12Page - Texas Instruments DRA725AGGABCRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 409 page
background image
9
DRA722, DRA724, DRA725, DRA726
www.ti.com
SPRS956B – MARCH 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: DRA722 DRA724 DRA725 DRA726
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
NOTE
The following balls are reserved: A27, K14, Y5, Y10, B28
These balls must be left unconnected.
NOTE
All unused power supply balls must be supplied with the voltages specified in the
Section 5.4, Recommended Operating Conditions, unless alternative tie-off options are
included in Section 4.4, Signal Descriptions.
Table 4-1. Unused Balls Specific Connection Requirements
Balls
Connection Requirements
AE15, AC15, AE14, D20, AD17, AC16, V27
These balls must be connected to GND through an external pull
resistor if unused.
E20, D21, E23, C20, C21, V28, F18
These balls must be connect to the corresponding power supply
through an external pull resistor if unused.
AF14 (rtc_iso)
This ball should be connected to the corresponding power supply
through an external pull resistor if unused; or can be connected to
F22 (porz) when RTC unused (level translation may be needed)
AB17 (rtc_porz)
This ball should be connected to VSS when RTC is unused; or can
be connected to F22 (porz) when RTC unused (level translation may
be needed)
NOTE
All other unused signal balls with a Pad Configuration register can be left unconnected with
their internal pullup or pulldown resistor enabled.
NOTE
All other unused signal balls without a Pad Configuration register can be left unconnected.
4.2
Ball Characteristics
Table 4-2 describes the terminal characteristics and the signals multiplexed on each ball. The following list
describes the table column headers:
1. BALL NUMBER:This column lists ball numbers on the bottom side associated with each signal on the
bottom.
2. BALL NAME: This column lists mechanical name from package device (name is taken from muxmode
0).
3. SIGNAL NAME:This column lists names of signals multiplexed on each ball (also notice that the name
of the ball is the signal name in muxmode 0).
NOTE
Table 4-2 does not take into account the subsystem multiplexing signals. Subsystem
multiplexing signals are described in Section 4.4, Signal Descriptions.
NOTE
In driver off mode, the buffer is configured in high-impedance.


Similar Part No. - DRA725AGGABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA725AGGABCRQ1 TI1-DRA725AGGABCRQ1 Datasheet
5Mb / 408P
[Old version datasheet]   Infotainment Applications Processor
DRA725AGGABCRQ1 TI1-DRA725AGGABCRQ1 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
More results

Similar Description - DRA725AGGABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA744 TI1-DRA744 Datasheet
7Mb / 443P
[Old version datasheet]   DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com