Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-BGA532B-05 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # LS-BGA532B-05
Description  Primary dimension units are millimeters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA532B-05 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA532B-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.18
2.41
0.20
FRONT VIEW
1
2
25.725
2.54
5.08
3.2375
2.8625
30.725
20.00
0.80 typ
0.4826
TOP VIEW
0-80 Threaded Insert
PROPRIETARY AND CONFIDENTIAL - THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF IRONWOOD ELECTRONICS, INC. ANY REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF IRONWOOD ELECTRONICS, INC. IS PROHIBITED.
ITEM
NO.
DESCRIPTION
QTY.
1
Fr4, 0.125" non-clad
1
2
0.8mm pitch terminal pin
532
SHEET 1 OF 1
DATE: 04/01/2014
MATERIAL:
N/A
FINISH:
N/A
WEIGHT: 7.44
REV. A
File: LS-BGA532B-05 Dwg
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
ENG: M.A. Fedde
STATUS: Released
Description: LSBGA532x-05, 23mm, 26x26 array, 0.8mm pitch
SCALE: 3:1
Primary dimension units are millimeters, Secondary dimension units are [inches].
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0254mm [±0.001"],
substrate thickness tolerance ±10%, all other tolerances ±0.127mm [±0.005"] unless stated otherwise.
Materials and specifications are subject to change without notice.
LS-BGA532B-05 Drawing
Drawn By: M. Raske


Similar Part No. - LS-BGA532B-05

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA539A-15 IRONWOOD-LS-BGA539A-15 Datasheet
129Kb / 1P
   Primary dimension units are millimeters
More results

Similar Description - LS-BGA532B-05

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com