Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5912 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5912
Description  500-mA Low-Noise, Low-IQ LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5912_17 Datasheet HTML 2Page - Texas Instruments LP5912_17 Datasheet HTML 3Page - Texas Instruments LP5912_17 Datasheet HTML 4Page - Texas Instruments LP5912_17 Datasheet HTML 5Page - Texas Instruments LP5912_17 Datasheet HTML 6Page - Texas Instruments LP5912_17 Datasheet HTML 7Page - Texas Instruments LP5912_17 Datasheet HTML 8Page - Texas Instruments LP5912_17 Datasheet HTML 9Page - Texas Instruments LP5912_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
LP5912
SNVSA77D – DECEMBER 2015 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5912
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = VOUT(NOM) + 0.5 V or 1.6 V, whichever is greater; VEN = 1.3 V, CIN = 1 µF, COUT = 1 µF, IOUT = 1 mA (unless otherwise
stated).
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(9)
This specification is ensured by design.
(10) There is a 3-MΩ pulldown resistor between the EN pin and GND pin on the device.
VIN to VOUT RIPPLE REJECTION
PSRR
Power Supply Rejection
Ratio(9)
ƒ = 100 Hz, VOUT ≥ 1.1 V, IOUT = 20 mA
80
dB
ƒ = 1 kHz, VOUT ≥ 1.1 V, IOUT = 20 mA
75
ƒ = 10 kHz, VOUT ≥ 1.1 V, IOUT = 20 mA
65
ƒ = 100 kHz, VOUT ≥ 1.1 V, IOUT = 20 mA
40
ƒ = 100 Hz, 0.8 V < VOUT < 1.1 V, IOUT = 20 mA
65
ƒ = 1 kHz, 0.8 V < VOUT < 1.1 V, IOUT = 20 mA
65
ƒ = 10 kHz, 0.8 V < VOUT < 1.1 V, IOUT = 20 mA
65
ƒ = 100 kHz, 0.8 V < VOUT < 1.1 V, IOUT = 20 mA
40
OUTPUT NOISE VOLTAGE
eN
Noise voltage
IOUT = 1 mA, BW = 10 Hz to 100 kHz
12
µVRMS
IOUT = 500 mA, BW = 10 Hz to 100 kHz
12
THERMAL SHUTDOWN
TSD
Thermal shutdown
temperature
160
°C
THYS
Thermal shutdown
hysteresis
15
°C
LOGIC INPUT THRESHOLDS
VEN(OFF)
OFF Threshold
VIN = 1.6 V to 6.5 V
VEN falling until device is disabled
0.3
V
VEN(ON)
ON Threshold
1.6 V
≤ VIN ≤ 6.5 V
VEN rising until device is enabled
1.3
IEN
Input current at EN pin(10)
VEN = 6.5 V, VIN = 6.5 V
2.5
µA
VEN = 0 V, VIN = 3.3 V
0.001
PGHTH
PG high threshold (% of
nominal VOUT)
94%
PGLTH
PG low threshold (% of
nominal VOUT)
90%
VOL(PG)
PG pin low-level output
voltage
VOUT < PGLTH, sink current = 1 mA
100
mV
IlKG(PG)
PG pin leakage current
VOUT < PGHTH, VPG = 6.5 V
1
µA
tPGD
PG delay time
Time from VOUT > PG threshold to PG toggling
140
µs


Similar Part No. - LP5912_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-1.0DRVR TI1-LP5912-1.0DRVR Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912-1.0DRVT TI1-LP5912-1.0DRVT Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912-1.1DRVR TI1-LP5912-1.1DRVR Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912-1.1DRVT TI1-LP5912-1.1DRVT Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912-1.2DRVR TI1-LP5912-1.2DRVR Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5912_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5912-EP TI-LP5912-EP_V02 Datasheet
3Mb / 33P
[Old version datasheet]   LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
LP5912-EP TI-LP5912-EP Datasheet
3Mb / 33P
[Old version datasheet]   LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com