Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5912-3.3DRVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912-3.3DRVR
Description  500-mA Low-Noise, Low-IQ LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912-3.3DRVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5912-3.3DRVR Datasheet HTML 5Page - Texas Instruments LP5912-3.3DRVR Datasheet HTML 6Page - Texas Instruments LP5912-3.3DRVR Datasheet HTML 7Page - Texas Instruments LP5912-3.3DRVR Datasheet HTML 8Page - Texas Instruments LP5912-3.3DRVR Datasheet HTML 9Page - Texas Instruments LP5912-3.3DRVR Datasheet HTML 10Page - Texas Instruments LP5912-3.3DRVR Datasheet HTML 11Page - Texas Instruments LP5912-3.3DRVR Datasheet HTML 12Page - Texas Instruments LP5912-3.3DRVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
5
10
15
20
25
30
35
40
45
50
D051
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
5
10
15
20
25
30
35
40
45
50
D052
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
Time (Ps)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
D009
VIN
VOUT
VPG
Time (Ps)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
D010
VIN
VOUT
VPG
Time (Ps)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
D007
VIN
VOUT
VPG
Time (Ps)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
D008
VIN
VOUT
VPG
9
LP5912
www.ti.com
SNVSA77D – DECEMBER 2015 – REVISED NOVEMBER 2016
Product Folder Links: LP5912
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated: VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C, unless otherwise
stated.
VIN = 0 V to 2.3 V
IOUT = 1 mA
Figure 7. LP5912-1.8 Power Up
VIN = 0 V to 2.3 V
IOUT = 500 mA
Figure 8. LP5912-1.8 Power Up
VIN = 0 V to 3.8 V
IOUT = 1 mA
Figure 9. LP5912-3.3 Power Up
VIN = 0 V to 3.8 V
IOUT = 500 mA
Figure 10. LP5912-3.3 Power Up
IOUT = 0 mA
Figure 11. LP5912-0.9 IQ (No Load) vs VIN
IOUT = 0 mA
Figure 12. LP5912-1.8 IQ (No Load) vs VIN


Similar Part No. - LP5912-3.3DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-3.3DRVR TI1-LP5912-3.3DRVR Datasheet
2Mb / 33P
[Old version datasheet]   LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912-3.3DRVR TI1-LP5912-3.3DRVR Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5912-3.3DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5912-EP TI-LP5912-EP_V02 Datasheet
3Mb / 33P
[Old version datasheet]   LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
LP5912-EP TI-LP5912-EP Datasheet
3Mb / 33P
[Old version datasheet]   LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com