Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A759BQ106M1VAAE090 Datasheet(PDF) 1 Page - Kemet Corporation

Part # A759BQ106M1VAAE090
Description  Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A759BQ106M1VAAE090 Datasheet(HTML) 1 Page - Kemet Corporation

  A759BQ106M1VAAE090 Datasheet HTML 1Page - Kemet Corporation A759BQ106M1VAAE090 Datasheet HTML 2Page - Kemet Corporation A759BQ106M1VAAE090 Datasheet HTML 3Page - Kemet Corporation A759BQ106M1VAAE090 Datasheet HTML 4Page - Kemet Corporation A759BQ106M1VAAE090 Datasheet HTML 5Page - Kemet Corporation A759BQ106M1VAAE090 Datasheet HTML 6Page - Kemet Corporation A759BQ106M1VAAE090 Datasheet HTML 7Page - Kemet Corporation A759BQ106M1VAAE090 Datasheet HTML 8Page - Kemet Corporation A759BQ106M1VAAE090 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4072_A759 • 12/13/2016
One world. One KEMET
Benefits
• Through-hole form factor
• High Voltage
• Low impedance
• High ripple current
• 125°C/2,000 hours
• RoHS compliant
Overview
KEMET’s A759 Series of Single-Ended Conductive Polymer
Aluminum Solid Electrolytic Capacitors offer longer life and
greater stability across a wide range of temperatures. The
A759 Series highly conductive solid polymer electrolyte
eliminates the risk of explosion from drying out and due
to its low ESR properties is able to withstand higher ripple
currents during normal operation. The A759 Series are
ideally suited for industrial and commercial applications.
Applications
Typical applications include long life LED drivers,
professional power amplifiers and industrial power supplies.
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759 Series, 125°C
Part Number System
A
759
BQ
106
M
1V
AA
E090
Capacitor
Class
Series
Size Code
Capacitance
Code (pF)
Tolerance
Rated Voltage
(VDC)
Packaging
ESR
A = Aluminum
Single-Ended
Conductive
Polymer Solid
Capacitor
125°C
2,000 Hour
See Dimension
Table
First two digits
represent
significant figures
for capacitance
values. Last digit
specifies the
number of zeros
to be added.
M = ±20%
35 = 1V
50 = 1H
63 = 1J
100 = 2A
160 = 2C
250 = 2E
See Ordering
Options Table
Last 3 digits
represent
significant
figures for ESR
values.(mΩ)
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - A759BQ106M1VAAE090

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
61Kb / 1P
   Polymer Aluminum, 125C LowZ, A759, 10 uF, 20%, 35 V, -55/125C, 11mm, Lead Spacing = 2mm
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090_17 Datasheet
61Kb / 1P
   Polymer Aluminum, 125C LowZ, A759, 10 uF, 20%, 35 V, -55/125C, 11mm, Lead Spacing = 2mm
More results

Similar Description - A759BQ106M1VAAE090

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KS687M0EAAE014 KEMET-A758KS687M0EAAE014 Datasheet
5Mb / 17P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A755KS687M0EAAE014 KEMET-A755KS687M0EAAE014 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A758EK337M0EAAE018 KEMET-A758EK337M0EAAE018 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A750EK567M0EAAE020 KEMET-A750EK567M0EAAE020 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com