Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE2450A Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CE2450A
Description  HIGH FREQUENCY, LOW JITTER, LEADED OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CE2450A Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CE2450A Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
PREHEATING
REFLOW
COOLING
240 °C
150 °C
25 °C
TIME (SECONDS)
100 s TYPICAL
10 s
HIGH FREQUENCY, LOW JITTER, LEADED OSCILLATOR
FOR GIGABIT ETHERNET APPLICATIONS
MODEL CE2450A
SPECIFICATIONS
PIN CONNECTION
OUTLINE DRAWING
PACKAGING
REFLOW SOLDERING PROFILE
FEATURES
LOW JITTER
3rd OVERTONE CRYSTAL DESIGN
REVISION: C
DATE: 4/3/03
COLORED DOT
INDICATES
PIN 1 LOCATION
PIN 1
PIN 8
PIN 5
PIN 4
MARKING
AREA
.018 ± .003 DIA
0.46 ± .08
DIA
.300 ± .005
7.62 ± .13
13.21 MAX
.520 MAX
PIN
FUNCTION
1E/D
4
CASE/GND
5OUTPUT
8Vcc
Scale none Dimension in
mm
inch
40 PIECES PER PLASTIC TUBE
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNIT
SUPPLY VOLTAGE, NOMINAL
Vcc
Vcc ±5%
3.3
V
SUPPLY CURRENT, MAX
Is
Vcc=3.3V, Ta=25ºC, 15pF LOAD
70.0
mA
NOMINAL FREQUENCY
fo
-
125.00, 133.00, 156.25
MHz
OVERALL FREQUENCY STABILITY MAX
f/fc (Ta)
Ta=-40ºC to +85ºC, (REF. TO 25ºC),
Vcc=+3.3 VDC, 15pF LOAD
±50.0
PPM
HCMOS
VOH / VOL
LOAD=15pF; Vcc=3.3V
2.97 / 0.3
V
DUTY CYCLE
DC
LOAD, NOM. / 50% Vcc
40 TO 60
%
RISE & FALL TIME, MAX
tr / tf
20% TO 80% Vout, 80% TO 20% Vout
3
ns
ENABLE OPTION
DISABLE OPTION
(pin 1)
(pin 1)
PIN 1 = "HIGH" OR OPEN
PIN 1 = "LOW " OR GROUND
OSCILLATING
TRI-STATE (OUTPUT PIN HIGH-Z)
-
-
JITTER
J
Fj > 1 KHz, 1
1 pS RMS
pS
STORAGE TEMPERATURE
T(store)
-
-55 TO +125
ºC
ABSOLUTE VOLTAGE RANGES
Vcc, Vc(abs) NON-DESTRUCTIVE, DC
-0.5 TO +7.0
V
EXAMPLE:
CE2450A-D3-125.000


Similar Part No. - CE2450A

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CE20 CAMDENBOSS-CE20 Datasheet
721Kb / 1P
   50mm wide IP65 limit switches
CE20.00.AP CAMDENBOSS-CE20.00.AP Datasheet
721Kb / 1P
   50mm wide IP65 limit switches
CE20.00.BP CAMDENBOSS-CE20.00.BP Datasheet
721Kb / 1P
   50mm wide IP65 limit switches
CE20.00.CP CAMDENBOSS-CE20.00.CP Datasheet
721Kb / 1P
   50mm wide IP65 limit switches
CE20.00.DP CAMDENBOSS-CE20.00.DP Datasheet
721Kb / 1P
   50mm wide IP65 limit switches
More results

Similar Description - CE2450A

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CE7450A RALTRON-CE7450A Datasheet
39Kb / 1P
   HIGH FREQUENCY, LOW JITTER, LEADED OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
CO8920A RALTRON-CO8920A Datasheet
43Kb / 1P
   HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
CO4605 RALTRON-CO4605 Datasheet
35Kb / 1P
   HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
CE8450A RALTRON-CE8450A Datasheet
28Kb / 1P
   HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
CE8450A-FR5 RALTRON-CE8450A-FR5 Datasheet
27Kb / 1P
   HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
VC7225A RALTRON-VC7225A Datasheet
40Kb / 1P
   HIGH FREQUENCY, LOW JITTER, LEAD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
   10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
logo
MTRONPTI
M9200 MTRONPTI-M9200 Datasheet
179Kb / 4P
   Ultra Low Jitter Quad Frequency Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com