Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM77-37010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM77-37010
Description  Low Profile Surface Mount Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM77-37010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM77-37010 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM77-37010 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM77-37010 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM77-37010 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6
6-173
Model HM77 Series
• High performance low loss powder iron core is excellent for high frequency applications
• Low profile, designed for machine placement
• Compatible with vapor phase and infrared reflow soldering
• Custom designs available
Insulation Resistance, Minimum
100 Megohms
Operating Temperature Range
-40°C to +130°C
Ambient Temperature, Maximum
80°C
Insulation System
Class B, 130°C
Temperature Rise, Maximum
50°C
Specifications subject to change without notice.
Last Update: 04/28/2003.
MODEL HM77 SERIES
Low Profile
Surface Mount Inductors
1
2
FEATURES AND BENEFITS
APPLICATIONS
• Laptop and notebook computers
• DC/DC converter in distributed power system
• Output ripple current filter
ELECTRICAL / ENVIRONMENTAL
SCHEMATIC


Similar Part No. - HM77-37010

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM77-37010ALF BITECH-HM77-37010ALF Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
More results

Similar Description - HM77-37010

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM64 BITECH-HM64 Datasheet
601Kb / 2P
   Micropower Low Profile Surface Mount Inductors
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com