Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9036 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9036
Description  Ultra-Low Quiescent Current Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9036 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM9036 Datasheet HTML 1Page - National Semiconductor (TI) LM9036 Datasheet HTML 2Page - National Semiconductor (TI) LM9036 Datasheet HTML 3Page - National Semiconductor (TI) LM9036 Datasheet HTML 4Page - National Semiconductor (TI) LM9036 Datasheet HTML 5Page - National Semiconductor (TI) LM9036 Datasheet HTML 6Page - National Semiconductor (TI) LM9036 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Characteristics - LM9036-3.3 (Continued)
V
IN = 14V, IOUT = 10 mA, TJ = 25˚C, unless otherwise specified. Boldface limits apply over entire operating temperature range
Parameter
Conditions
Min
(Note 5)
Typical
(Note 4)
Max
(Note 5)
Units
Short Circuit Current (I
SC)VOUT = 0V
65
120
250
mA
Ripple Rejection (PSRR)
V
ripple =1Vrms,Fripple = 120Hz
−40
−60
dB
Output Bypass Capacitance
(C
OUT)
0.3
Ω≤ ESR ≤ 8Ω
0.1mA
≤ I
OUT
≤ 50mA
22
33
µF
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating ratings.
Note 2: Human body model, 100pF discharge through a 1.5k
Ω resistor.
Note 3: The maximum power dissipation is a function of TJmax, θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJmax −TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 150˚C and the LM9036 will go into thermal shutdown.
Note 4: Typicals are at 25˚C (unless otherwise specified) and represent the most likely parametric norm.
Note 5: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level) and 100% tested.
Note 6: To ensure constant junction temperature, pulse testing is used.
Note 7: Worst case (Free Air) per EIA / JESD51-3.
Note 8: Typical
θJA with 1 square inch of 2oz copper pad area directly under the ground tab.
Ordering Information
TO-252
SOIC
Mini SOIC
3.30V
LM9036DT-3.3
LM9036M-3.3
LM9036MM-3.3
5.00V
LM9036DT-3.3
LM9036M-5.0
LM9036MM-5.0
Typical Performance Characteristics
Dropout Voltage
Quiescent Current
20001108
20001111
www.national.com
4


Similar Part No. - LM9036

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036DT-3.3 NSC-LM9036DT-3.3 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
LM9036DT-5.0 NSC-LM9036DT-5.0 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036DT-5.0/NOPB TI-LM9036DT-5.0/NOPB Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
More results

Similar Description - LM9036

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com