Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX9820 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820
Description  Bluetooth Serial Port Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMX9820 Datasheet HTML 3Page - National Semiconductor (TI) LMX9820 Datasheet HTML 4Page - National Semiconductor (TI) LMX9820 Datasheet HTML 5Page - National Semiconductor (TI) LMX9820 Datasheet HTML 6Page - National Semiconductor (TI) LMX9820 Datasheet HTML 7Page - National Semiconductor (TI) LMX9820 Datasheet HTML 8Page - National Semiconductor (TI) LMX9820 Datasheet HTML 9Page - National Semiconductor (TI) LMX9820 Datasheet HTML 10Page - National Semiconductor (TI) LMX9820 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Revision 1.0
7
www.national.com
5.0 Pad Descriptions (Continued)
PH3_TP9
F13
Testpin
Module Test Point.1
PH2_TP8
G13
Testpin
Module Test Point.1
1.
Treat as No Connect, Pad required for mechanical stability.
Table 8. Power, Ground, and No Connect Signals
Pad Name
Pad
Location
Direction
Description
NC
A1, A2, A3, A4, A5,
A6, A7, B1, C1, D1,
D13, E1, E13, F1,
G1, G7, H1, H4, J1,
J3, J6, J7, J9, J10,
J11
not
connected
No Connect. Must have pad for mechanical stability.
RF GND1
B2, B3, B4, B5, B6,
B7, C2, C3, C4, C5,
C6, C7, D2, D3, D4,
D5, D6, D7, E2, E3,
E4, E5, E6, E7, F2,
F3, F4, F5, F6, F7,
G2, G3, G4, G5,
G6, H5, H6, H7, H9,
H10, H11
Input
Radio System Ground. Must be connected to RF Ground
plane. Thermal relief required for proper soldering.
Dig_gnd_11
D12
Input
Digital Ground.
Dig_gnd_21
G11
Input
Digital Ground.
VCC
H2
Input
2.85V to 3.6V Input for the Internal Power Supply Reg-
ulators.
VDD_ANA_OUT
J2
Output
Voltage Regulator Output/Power Supply for Analog
Circuitry. If not used, place pad and do not connect to VCC
or Ground.
VDD_DIG_OUT
J5
Output
Voltage Regulator Output/Power Supply for Digital Cir-
cuitry. If not used, place pad and do not connect to VCC or
Ground.
VDD_DIG_PWR
_D#
J4
Input
Power Down for the Internal Power Supply Regulator
for the Digital Circuitry. Place pad and do not connect to
VCC or Ground.
1.
Connect RF GND, Dig_gnd_1, and Dig_gnd_2 to single Ground plane.
Table 7. Test Interface Signals (Continued)
Pad Name
Pad
Location
Direction
Description


Similar Part No. - LMX9820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9820A NSC-LMX9820A Datasheet
579Kb / 44P
   Bluetooth Serial Port Module
LMX9820ASM NSC-LMX9820ASM Datasheet
579Kb / 44P
   Bluetooth Serial Port Module
LMX9820ASMX NSC-LMX9820ASMX Datasheet
579Kb / 44P
   Bluetooth Serial Port Module
More results

Similar Description - LMX9820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9820A NSC-LMX9820A Datasheet
579Kb / 44P
   Bluetooth Serial Port Module
logo
Texas Instruments
LMX9838SB TI-LMX9838SB Datasheet
1Mb / 38P
[Old version datasheet]   Bluetooth Serial Port Module
logo
National Semiconductor ...
LMX9838 NSC-LMX9838 Datasheet
1Mb / 26P
   Bluetooth Serial Port Module
logo
List of Unclassifed Man...
HC-05 ETC-HC-05 Datasheet
812Kb / 13P
   Bluetooth to Serial Port Module
06.18.2010
logo
Texas Instruments
LMX9838 TI1-LMX9838 Datasheet
688Kb / 42P
[Old version datasheet]   LMX9838 Bluetooth Serial Port Module
logo
List of Unclassifed Man...
ESD100 ETC-ESD100 Datasheet
921Kb / 2P
   Bluetooth-serial Module
ESD100V2 ETC-ESD100V2 Datasheet
501Kb / 2P
   Bluetooth-serial Module
PARANI-BCD210 ETC-PARANI-BCD210 Datasheet
1Mb / 25P
   Bluetooth-serial Module
ESD1000 ETC2-ESD1000 Datasheet
395Kb / 2P
   OEM Bluetooth-Serial Module
SD200 ETC-SD200 Datasheet
536Kb / 2P
   Bluetooth-serial adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com