Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812C104C8GACTU Datasheet(PDF) 9 Page - Kemet Corporation

Part # C1812C104C8GACTU
Description  C0G Dielectric, 10 - 250 VDC (Commercial Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C104C8GACTU Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C1812C104C8GACTU Datasheet HTML 5Page - Kemet Corporation C1812C104C8GACTU Datasheet HTML 6Page - Kemet Corporation C1812C104C8GACTU Datasheet HTML 7Page - Kemet Corporation C1812C104C8GACTU Datasheet HTML 8Page - Kemet Corporation C1812C104C8GACTU Datasheet HTML 9Page - Kemet Corporation C1812C104C8GACTU Datasheet HTML 10Page - Kemet Corporation C1812C104C8GACTU Datasheet HTML 11Page - Kemet Corporation C1812C104C8GACTU Datasheet HTML 12Page - Kemet Corporation C1812C104C8GACTU Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 3/30/2016
9
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Table 2B – Bulk Packaging Quantities
Packaging Type
Loose Packaging
BulkBag(default)
PackagingC-Spec1
N/A2
Case Size
Packaging Quantities (pieces/unit packaging)
EIA (in)
Metric (mm)
Minimum
Maximum
0402
1005
1
50,000
0603
1608
0805
2012
1206
3216
1210
3225
1808
4520
20,000
1812
4532
1825
4564
2220
5650
2225
5664
1
The "Packaging C-Spec" is a 4 to 8 digit code which identifies the packaging type and/or product grade. When ordering, the proper code must be included in the 15th
through 22nd character positions of the ordering code. See "Ordering Information" section of this document for further details. Commercial Grade product ordered without
a packaging C-Spec will default to our standard "Bulk Bag" packaging. Contact KEMET if you require a bulk bag packaging option for Automotive Grade products.
2
A packaging C-Spec (see note 1 above) is not required for "Bulk Bag" packaging (excluding Anti-Static Bulk Bag and Automotive Grade products). The 15th through
22nd character positions of the ordering code should be left blank. All product ordered without a packaging C-Spec will default to out standard "Bulk Bag" packaging.


Similar Part No. - C1812C104C8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C104C8GACTU KEMET-C1812C104C8GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C1812C104C8GACTU KEMET-C1812C104C8GACTU Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C1812C104C8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104J3GACAUTO_017 KEMET-C1206C104J3GACAUTO_017 Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CBR02C330F9GAC KEMET-CBR02C330F9GAC Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C519K5GACTU KEMET-C0805C519K5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com