Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2220C104C8GACTU Datasheet(PDF) 8 Page - Kemet Corporation

Part # C2220C104C8GACTU
Description  C0G Dielectric, 10 - 250 VDC (Commercial Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C104C8GACTU Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C2220C104C8GACTU Datasheet HTML 4Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 5Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 6Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 7Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 8Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 9Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 10Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 11Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 3/30/2016
8
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Table 2A – Chip Thickness/Tape & Reel Packaging Quantities
Thickness
Code
Case
Size1
Thickness ±
Range (mm)
Paper Quantity1
Plastic Quantity
7" Reel
13" Reel
7" Reel
13" Reel
AB
0201
0.30±0.03
15,000
0
0
0
BB
0402
0.50±0.05
10,000
50,000
0
0
BD
0402
0.55±0.05
10,000
50,000
0
0
CF
0603
0.80±0.07
4,000
15,000
0
0
CH
0603
0.85±0.07
4,000
10,000
0
0
DM
0805
0.70±0.20
4,000
15,000
0
0
DN
0805
0.78±0.10
4,000
15,000
0
0
DP
0805
0.90±0.10
4,000
15,000
0
0
DE
0805
1.00±0.10
0
0
2,500
10,000
DF
0805
1.10±0.10
0
0
2,500
10,000
DG
0805
1.25±0.15
0
0
2,500
10,000
EB
1206
0.78±0.10
4,000
10,000
4,000
10,000
EC
1206
0.90±0.10
0
0
4,000
10,000
ED
1206
1.00±0.10
0
0
2,500
10,000
EE
1206
1.10±0.10
0
0
2,500
10,000
EF
1206
1.20±0.15
0
0
2,500
10,000
EH
1206
1.60±0.20
0
0
2,000
8,000
FB
1210
0.78±0.10
0
0
4,000
10,000
FC
1210
0.90±0.10
0
0
4,000
10,000
FE
1210
1.00±0.10
0
0
2,500
10,000
FF
1210
1.10±0.10
0
0
2,500
10,000
FG
1210
1.25±0.15
0
0
2,500
10,000
FH
1210
1.55±0.15
0
0
2,000
8,000
FM
1210
1.70±0.20
0
0
2,000
8,000
FJ
1210
1.85±0.20
0
0
2,000
8,000
FK
1210
2.10±0.20
0
0
2,000
8,000
NC
1706
1.00±0.15
0
0
4,000
10,000
LF
1808
1.00±0.15
0
0
2,500
10,000
GB
1812
1.00±0.10
0
0
1,000
4,000
GD
1812
1.25±0.15
0
0
1,000
4,000
GH
1812
1.40±0.15
0
0
1,000
4,000
GG
1812
1.55±0.10
0
0
1,000
4,000
GK
1812
1.60±0.20
0
0
1,000
4,000
GJ
1812
1.70±0.15
0
0
1,000
4,000
GN
1812
1.70±0.20
0
0
1,000
4,000
GM
1812
2.00±0.20
0
0
500
2,000
HB
1825
1.10±0.15
0
0
1,000
4,000
HE
1825
1.40±0.15
0
0
1,000
4,000
HG
1825
1.60±0.20
0
0
1,000
4,000
JB
2220
1.00±0.15
0
0
1,000
4,000
JD
2220
1.30±0.15
0
0
1,000
4,000
JE
2220
1.40±0.15
0
0
1,000
4,000
JF
2220
1.50±0.15
0
0
1,000
4,000
JG
2220
1.70±0.15
0
0
1,000
4,000
JL
2220
2.00±0.20
0
0
500
2,000
KE
2225
1.40±0.15
0
0
1,000
4,000
Thickness
Code
Case
Size1
Thickness ±
Range (mm)
7" Reel
13" Reel
7" Reel
13" Reel
Paper Quantity1
Plastic Quantity
Package quantity based on finished chip thickness specifications.
1
If ordering using the 2 mm Tape and Reel pitch option, the packaging quantity outlined in the table above will be doubled. This option is limited to EIA 0603 (1608 metric)
case size devices. For more information regarding 2 mm pitch option see “Tape & Reel Packaging Information”.


Similar Part No. - C2220C104C8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C104C8GACTU KEMET-C2220C104C8GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C2220C104C8GACTU KEMET-C2220C104C8GACTU Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C2220C104C8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104J3GACAUTO_017 KEMET-C1206C104J3GACAUTO_017 Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CBR02C330F9GAC KEMET-CBR02C330F9GAC Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C519K5GACTU KEMET-C0805C519K5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com