Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2220C104C8GACTU Datasheet(PDF) 10 Page - Kemet Corporation

Part # C2220C104C8GACTU
Description  C0G Dielectric, 10 - 250 VDC (Commercial Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C104C8GACTU Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C2220C104C8GACTU Datasheet HTML 6Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 7Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 8Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 9Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 10Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 11Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 12Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 13Page - Kemet Corporation C2220C104C8GACTU Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 3/30/2016 10
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Table 3 – Chip Capacitor Land Pattern Design Recommendations per IPC–7351
EIA
Size
Code
Metric
Size
Code
Density Level A:
Maximum (Most)
Land Protrusion (mm)
Density Level B:
Median (Nominal)
Land Protrusion (mm)
Density Level C:
Minimum (Least)
Land Protrusion (mm)
C
Y
X
V1
V2
C
Y
X
V1
V2
C
Y
X
V1
V2
0201
0603
0.38
0.56
0.52
1.80
1.00
0.33
0.46
0.42
1.50
0.80
0.28
0.36
0.32
1.20
0.60
0402
1005
0.50
0.72
0.72
2.20
1.20
0.45
0.62
0.62
1.90
1.00
0.40
0.52
0.52
1.60
0.80
0603
1608
0.90
1.15
1.10
4.00
2.10
0.80
0.95
1.00
3.10
1.50
0.60
0.75
0.90
2.40
1.20
0805
2012
1.00
1.35
1.55
4.40
2.60
0.90
1.15
1.45
3.50
2.00
0.75
0.95
1.35
2.80
1.70
1206
3216
1.60
1.35
1.90
5.60
2.90
1.50
1.15
1.80
4.70
2.30
1.40
0.95
1.70
4.00
2.00
1210
3225
1.60
1.35
2.80
5.65
3.80
1.50
1.15
2.70
4.70
3.20
1.40
0.95
2.60
4.00
2.90
12101
3225
1.50
1.60
2.90
5.60
3.90
1.40
1.40
2.80
4.70
3.30
1.30
1.20
2.70
4.00
3.00
1808
4520
2.30
1.75
2.30
7.40
3.30
2.20
1.55
2.20
6.50
2.70
2.10
1.35
2.10
5.80
2.40
1812
4532
2.15
1.60
3.60
6.90
4.60
2.05
1.40
3.50
6.00
4.00
1.95
1.20
3.40
5.30
3.70
1825
4564
2.15
1.60
6.90
6.90
7.90
2.05
1.40
6.80
6.00
7.30
1.95
1.20
6.70
5.30
7.00
2220
5650
2.75
1.70
5.50
8.20
6.50
2.65
1.50
5.40
7.30
5.90
2.55
1.30
5.30
6.60
5.60
2225
5664
2.70
1.70
6.90
8.10
7.90
2.60
1.50
6.80
7.20
7.30
2.50
1.30
6.70
6.50
7.00
1
Only for capacitance values ≥ 22 µF
Density Level A: For low-density product applications. Recommended for wave solder applications and provides a wider process window for reflow solder
processes. KEMET only recommends wave soldering of EIA 0603, 0805 and 1206 case sizes.
Density Level B: For products with a moderate level of component density. Provides a robust solder attachment condition for reflow solder processes.
Density Level C: For high component density product applications. Before adapting the minimum land pattern variations the user should perform qualification
testing based on the conditions outlined in IPC Standard 7351 (IPC–7351).
Image below based on Density Level B for an EIA 1210 case size.
Y
C
C
X
X
V1
V2
Grid Placement Courtyard
Y


Similar Part No. - C2220C104C8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C104C8GACTU KEMET-C2220C104C8GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C2220C104C8GACTU KEMET-C2220C104C8GACTU Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C2220C104C8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104J3GACAUTO_017 KEMET-C1206C104J3GACAUTO_017 Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CBR02C330F9GAC KEMET-CBR02C330F9GAC Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C519K5GACTU KEMET-C0805C519K5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com