Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5912Q2.8DRVRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912Q2.8DRVRQ1
Description  Automotive 500-mA Low-Noise, Low-IQ LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912Q2.8DRVRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LP5912Q2.8DRVRQ1 Datasheet HTML 1Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 2Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 3Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 4Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 5Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 6Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 7Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 8Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
LP5912-Q1
www.ti.com
SNVSAA8C – DECEMBER 2015 – REVISED SEPTEMBER 2016
Product Folder Links: LP5912-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the device GND pin, unless otherwise stated.
(2)
Minimum and maximum limits are ensured through test, design, or statistical correlation over the junction temperature (TJ) range of
–40°C to +125°C, unless otherwise stated. Typical values represent the most likely parametric norm at TA = 25°C, and are provided for
reference purposes only.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
(4)
Short-circuit current (ISC) is equivalent to current limit. To minimize thermal effects during testing, ISC is measured with VOUT pulled to
100 mV below its nominal voltage.
(5)
Reverse current (IRO) is measured at the IN pin.
(6)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT.
(7)
Ground current is defined here as the total current flowing to ground as a result of all input voltages applied to the device (IQ + IEN).
(8)
Dropout voltage (VDO) is the voltage difference between the input and the output at which the output voltage drops to 150 mV below its
nominal value when VIN = VOUT + 0.5 V. Dropout voltage is not a valid condition for output voltages less than 1.6 V as compliance with
the minimum operating voltage requirement cannot be assured.
7.5 Electrical Characteristics
VIN = VOUT(NOM) + 0.5 V or 1.6 V, whichever is greater; VEN = 1.3 V, CIN = 1 µF, COUT = 1 µF, IOUT = 1 mA (unless otherwise
stated).
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE
ΔVOUT
Output voltage tolerance
For VOUT(NOM) ≥ 3.3 V:
VOUT(NOM) + 0.5 V ≤ VIN ≤ 6.5 V,
IOUT = 1 mA to 500 mA
–2%
2%
For 1.1 V
≤ VOUT(NOM) < 3.3 V:
VOUT(NOM) + 0.5 V ≤ VIN ≤ 6.5 V,
IOUT = 1 mA to 500 mA
–3%
3%
For VOUT(NOM) < 1.1 V:
1.6 V
≤ VIN ≤ 6.5 V,
IOUT = 1 mA to 500 mA
Line regulation
For VOUT(NOM) ≥ 1.1 V:
VOUT(NOM) + 0.5 V ≤ VIN ≤ 6.5 V
0.8
%/V
For VOUT(NOM) < 1.1 V:
1.6 V
≤ VIN ≤ 6.5 V
Load regulation
IOUT = 1 mA to 500 mA
0.0022
%/mA
CURRENT LEVELS
ISC
Short-circuit current limit
TJ = 25°C, see
(4)
700
900
1100
mA
IRO
Reverse leakage current(5)
VIN < VOUT
10
150
µA
IQ
Quiescent current(6)
VEN = 1.3 V, IOUT = 0 mA
30
55
µA
VEN = 1.3 V, IOUT = 500 mA
400
600
IQ(SD)
Quiescent current,
shutdown mode(6)
VEN = 0 V
–40°C
≤ TJ ≤ 85°C
0.2
1.5
µA
VEN = 0 V
0.2
5
IG
Ground current(7)
VEN = 1.3 V, IOUT = 0 mA
35
µA
VDO DROPOUT VOLTAGE
VDO
Dropout voltage(8)
IOUT = 500 mA, 1.6 V ≤ VOUT(NOM) < 3.3 V
170
250
mV
IOUT = 500 mA, 3.3 V ≤ VOUT(NOM) ≤ 5.5 V
95
180
mV


Similar Part No. - LP5912Q2.8DRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912Q2.8DRVRQ1 TI1-LP5912Q2.8DRVRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   LP5912-Q1 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912Q2.8DRVRQ1 TI1-LP5912Q2.8DRVRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5912Q2.8DRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
TPS7A21-Q1 TI1-TPS7A21-Q1_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS7A21-Q1 Automotive, 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED AUGUST 2023
TPS7A21-Q1 TI-TPS7A21-Q1 Datasheet
4Mb / 30P
[Old version datasheet]   TPS7A21-Q1 Automotive, 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2022
LP5907-Q1 TI1-LP5907-Q1_18 Datasheet
1Mb / 29P
[Old version datasheet]   Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com