Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTR9041 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTR9041
Description  SMT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR9041 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTR9041 Datasheet HTML 1Page - Advanced Crystal Technology ACTR9041 Datasheet HTML 2Page - Advanced Crystal Technology ACTR9041 Datasheet HTML 3Page - Advanced Crystal Technology ACTR9041 Datasheet HTML 4Page - Advanced Crystal Technology ACTR9041 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Frequency Response
Typical Application Circuits
1) Low-Power Transmitter Application
2) Local Oscillator Application


Similar Part No. - ACTR9041

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTR9001 ACT-ACTR9001 Datasheet
65Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR9001 ACT-ACTR9001 Datasheet
135Kb / 3P
   SAW Filter
March 2010
ACTR9001/980.0/QCC4A ACT-ACTR9001/980.0/QCC4A Datasheet
65Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR9001 ACT-ACTR9001_10 Datasheet
135Kb / 3P
   SAW Filter
March 2010
ACTR9002 ACT-ACTR9002 Datasheet
59Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
More results

Similar Description - ACTR9041

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRQH9F OSRAM-LRQH9F Datasheet
465Kb / 15P
   SMT package, standard SMT
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Advanced Crystal Techno...
ACTR9028 ACT-ACTR9028 Datasheet
293Kb / 5P
   SMT
ACTR8013A ACT-ACTR8013A Datasheet
395Kb / 5P
   SMT
ACTR3028 ACT-ACTR3028 Datasheet
337Kb / 5P
   SMT
logo
Pulse A Technitrol Comp...
W3329 PULSE-W3329 Datasheet
1Mb / 13P
   : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :
logo
AVX Corporation
046232109015800 AVX-046232109015800 Datasheet
509Kb / 6P
   SMT 1.0mm PITCH LIF RA SMT
logo
Vestal Electronic Devic...
SMTJ-2006 VESTAL-SMTJ-2006 Datasheet
22Kb / 1P
   SMT Jumper
SMTJ-1206 VESTAL-SMTJ-1206 Datasheet
22Kb / 1P
   SMT Jumper
logo
M/A-COM Technology Solu...
MAVC-010000-002140 MA-COM-MAVC-010000-002140 Datasheet
122Kb / 2P
   VCO, SMT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com