Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C107K3PACTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C0402C107K3PACTU
Description  X5R Dielectric, 4 ??50 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C107K3PACTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C0402C107K3PACTU Datasheet HTML 2Page - Kemet Corporation C0402C107K3PACTU Datasheet HTML 3Page - Kemet Corporation C0402C107K3PACTU Datasheet HTML 4Page - Kemet Corporation C0402C107K3PACTU Datasheet HTML 5Page - Kemet Corporation C0402C107K3PACTU Datasheet HTML 6Page - Kemet Corporation C0402C107K3PACTU Datasheet HTML 7Page - Kemet Corporation C0402C107K3PACTU Datasheet HTML 8Page - Kemet Corporation C0402C107K3PACTU Datasheet HTML 9Page - Kemet Corporation C0402C107K3PACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1006_X5R_SMD • 2/29/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X5R Dielectric, 4 – 50 VDC (Commercial Grade)
Table 1 – Capacitance Range/Selection Waterfall (1206 – 1812 Case Sizes)
Capacitance Capacitance
Code
Case Size/
Series
C1206C
C1210C
C1812C
Voltage Code
9
8
4
3
5
9
8
4
3
6
5
3
6
5
Rated Voltage (VDC)
Cap Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
0.27 µF
274
K
M
EB
EB
EB
EB
0.33 µF
334
K
M
EB
EB
EB
EB
0.39 µF
394
K
M
EB
EB
EB
EB
FD
FD
FD
FD
FD
0.47 µF
474
K
M
EC
EC
EC
EC
FD
FD
FD
FD
FD
0.56 µF
564
K
M
ED
ED
ED
ED
FD
FD
FD
FD
FD
0.68 µF
684
K
M
EE
EE
EE
EE
FD
FD
FD
FD
FD
0.82 µF
824
K
M
EF
EF
EF
EF
FF
FF
FF
FF
FF
1.0 µF
105
K
M
EP
EP
EP
EP
FH
FH
FH
FH
FH
FH
1.2 µF
125
K
M
EC
EC
EC
EC
FD
FD
FD
FD
1.5 µF
155
K
M
EC
EC
EC
EC
FD
FD
FD
FD
1.8 µF
185
K
M
EC
EC
EC
EC
FD
FD
FD
FD
2.2 µF
225
K
M
EC
EC
EC
EC
FJ
FJ
FJ
FJ
2.7 µF
275
K
M
EF
EF
EF
EF
FG
FG
FG
FG
3.3 µF
335
K
M
EH
EH
EH
EH
FH
FH
FH
FH
3.9 µF
395
K
M
ED
ED
ED
ED
FJ
FJ
FJ
FJ
4.7 µF
475
K
M
EH
EH
EH
EH
EH
FT
FT
FT
FT
5.6 µF
565
K
M
EK
EK
EH
FG
FG
FG
FE
6.8 µF
685
K
M
EK
EK
EH
FJ
FJ
FJ
FJ
8.2 µF
825
K
M
ED
ED
EH
FK
FK
FK
FG
10 µF
106
K
M
EH
EH
EH
EH
FT
FT
FT
FT
FT
FS
GK
12 µF
126
K
M
FD
FD
FG
15 µF
156
K
M
FF
FF
FG
18 µF
186
K
M
FG
FG
FH
22 µF
226
K
M
EH
EH¹
EH¹
FS
FS
FS
FS
47 µF
476
K
M
EH¹
EH¹
FS¹
FS¹
FS¹
100 µF
107
K
M
EH¹
FS¹
FS¹
FS¹
Capacitance
Capacitance
Code
Rated Voltage (VDC)
Voltage Code
9
8
4
3
5
9
8
4
3
6
5
3
6
5
Case Size/Series
C1206C
C1210C
C1812C
xx¹ Available only in M tolerance.


Similar Part No. - C0402C107K3PACTU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C0402C1003GAC ETC2-C0402C1003GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C1004GAC ETC2-C0402C1004GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C1005GAC ETC2-C0402C1005GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C1008GAC ETC2-C0402C1008GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C100C5GAC KEMET-C0402C100C5GAC Datasheet
125Kb / 4P
   Ceramic Capacitor
More results

Similar Description - C0402C107K3PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C476M9PACTU KEMET-C0805C476M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C684K4PACTU KEMET-C0603C684K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C474K4PACTU KEMET-C0603C474K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C105K4PACTU KEMET-C0603C105K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C1825C225M5UACTU KEMET-C1825C225M5UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com