Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C107M6PACTU Datasheet(PDF) 5 Page - Kemet Corporation

Part # C1206C107M6PACTU
Description  X5R Dielectric, 4 ??50 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C107M6PACTU Datasheet(HTML) 5 Page - Kemet Corporation

  C1206C107M6PACTU Datasheet HTML 1Page - Kemet Corporation C1206C107M6PACTU Datasheet HTML 2Page - Kemet Corporation C1206C107M6PACTU Datasheet HTML 3Page - Kemet Corporation C1206C107M6PACTU Datasheet HTML 4Page - Kemet Corporation C1206C107M6PACTU Datasheet HTML 5Page - Kemet Corporation C1206C107M6PACTU Datasheet HTML 6Page - Kemet Corporation C1206C107M6PACTU Datasheet HTML 7Page - Kemet Corporation C1206C107M6PACTU Datasheet HTML 8Page - Kemet Corporation C1206C107M6PACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1006_X5R_SMD • 2/29/2016
5
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X5R Dielectric, 4 – 50 VDC (Commercial Grade)
Table 1 – Capacitance Range/Selection Waterfall (0201 – 0805 Case Sizes)
Capacitance Capacitance
Code
Case Size/
Series
C0201C
C0402C
C0603C
C0805C
Voltage Code
7
9
8
4
7
9
8
4
3
5
7
9
8
4
3
5
7
9
8
4
3
5
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
10,000 pF
103
K
M
AB AB AB AB BB BB BB BB
12,000 pF
123
K
M
BB BB BB BB
15,000 pF
153
K
M
BB BB BB BB
18,000 pF
183
K
M
BB BB BB BB
22,000 pF
223
K
M
BB BB BB BB
27,000 pF
273
K
M
BB BB BB BB
33,000 pF
333
K
M
BB BB BB BB
39,000 pF
393
K
M
BB BB BB BB
47,000 pF
473
K
M
BB BB BB BB
56,000 pF
563
K
M
BB BB BB BB
68,000 pF
683
K
M
BB BB BB BB
82,000 pF
823
K
M
BB BB BB BB
0.10 µF
104
K
M
AB AB
BB BB BB BB
CG CG CG CG CG
0.12 µF
124
K
M
0.15 µF
154
K
M
0.18 µF
184
K
M
0.22 µF
224
K
M
BB BB
CG CG CG CG
0.27 µF
274
K
M
CG CG CG CG
0.33 µF
334
K
M
CG CG CG CG
0.39 µF
394
K
M
CG CG CG CG
0.47 µF
474
K
M
BB BB
CG CG CG CG CG
DG DG DG DG DG
0.56 µF
564
K
M
CG CG CG CG
DP DP DP DP DP
0.68 µF
684
K
M
CG CG CG CG
DP DP DP DP DE
0.82 µF
824
K
M
CG CG CG CG
DF DF DF DF DF
1.0 µF
105
K
M
BB BB BB BB
CG CG CG CG CJ
DP DP DP DP DG DG
1.2 µF
125
K
M
DN DN DN DN
1.5 µF
155
K
M
DN DN DN DN
1.8 µF
185
K
M
DP DP DP DP
2.2 µF
225
K
M
BB BB BB¹
CG CG CG CG
DG DG DG DG DG
2.7 µF
275
K
M
DL DL DL DL
3.3 µF
335
K
M
BB¹
CG CG
DL DL DL DG
3.9 µF
395
K
M
DG DG DG DG
4.7 µF
475
K
M
BE¹ BE¹
CG CG CG
DG DG DG DG DG
5.6 µF
565
K
M
DG DG DG
6.8 µF
685
K
M
DG DG DG
8.2 µF
825
K
M
10 µF
106
K
M
BF¹ BF¹
CG¹ CG¹ CG¹
DG DG DG DG DH
12 µF
126
K
M
15 µF
156
K
M
18 µF
186
K
M
22 µF
226
K
M
DG DG DH¹
47 µF
476
K
M
DH¹ DH¹
Capacitance
Capacitance
Code
Rated Voltage (VDC)
Voltage Code
7
9
8
4
7
9
8
3
5
4
7
9
8
4
3
5
7
9
8
4
3
5
Case Size/Series
C0201C
C0402C
C0603C
C0805C
xx¹ Available only in M tolerance.


Similar Part No. - C1206C107M6PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C107M9PAC7210 KEMET-C1206C107M9PAC7210 Datasheet
71Kb / 1P
   SMD Comm X5R, Ceramic, 100 uF, 20%, 6.3 V, X5R, SMD, MLCC, Temperature Stable, Class II, 1206
More results

Similar Description - C1206C107M6PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C476M9PACTU KEMET-C0805C476M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C684K4PACTU KEMET-C0603C684K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C474K4PACTU KEMET-C0603C474K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C105K4PACTU KEMET-C0603C105K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C1825C225M5UACTU KEMET-C1825C225M5UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com