Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2EGAHQABCRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2EGAHQABCRQ1
Description  SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EGAHQABCRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDA2EGAHQABCRQ1 Datasheet HTML 3Page - Texas Instruments TDA2EGAHQABCRQ1 Datasheet HTML 4Page - Texas Instruments TDA2EGAHQABCRQ1 Datasheet HTML 5Page - Texas Instruments TDA2EGAHQABCRQ1 Datasheet HTML 6Page - Texas Instruments TDA2EGAHQABCRQ1 Datasheet HTML 7Page - Texas Instruments TDA2EGAHQABCRQ1 Datasheet HTML 8Page - Texas Instruments TDA2EGAHQABCRQ1 Datasheet HTML 9Page - Texas Instruments TDA2EGAHQABCRQ1 Datasheet HTML 10Page - Texas Instruments TDA2EGAHQABCRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 393 page
background image
7
TDA2EG
www.ti.com
SPRS958B – MARCH 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
Features
Device
TDA2EG
Multichannel Audio Serial Port (McASP)
McASP1
16 serializers
McASP2
16 serializers
McASP3
4 serializers
McASP4
4 serializers
McASP5
4 serializers
McASP6
4 serializers
McASP7
4 serializers
McASP8
4 serializers
MultiMedia Card/Secure Digital/Secure Digital Input Output Interface
(MMC/SD/SDIO)
MMC1
1x UHSI 4b
MMC2
1x eMMC 8b
MMC3
1x SDIO 8b
MMC4
1x SDIO 4b
PCI Express 3.0 Port with Integrated PHY
PCIe_SS1
Yes
PCIe_SS2
Yes
Serial Advanced Technology Attachment (SATA)
SATA
Yes
Real-Time Clock Subsystem (RTCSS)
RTCSS
Yes
Multichannel Serial Peripheral Interface (McSPI)
McSPI
4
Quad SPI (QSPI)
QSPI
Yes
Spinlock Module
SPINLOCK
Yes
Timers, General-Purpose
TIMERS GP
16
Timer, Watchdog
WD TIMER
Yes
Pulse-Width Modulation Subsystem (PWMSS)
PWMSS1
Yes
PWMSS2
Yes
PWMSS3
Yes
Universal Asynchronous Receiver/Transmitter (UART)
UART
10
Universal Serial Bus (USB3.0)
USB1 (Super-Speed, Dual-
Role-Device [DRD])
Yes
Universal Serial Bus (USB2.0)
USB2 (High-Speed, Dual-
Role-Device [DRD], with
embedded HS PHY)
Yes
USB3 (High-Speed, OTG2.0,
with ULPI)
Yes
USB4 (High-Speed, OTG2.0,
with ULPI)
No


Similar Part No. - TDA2EGAHQABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2EGAHQABCRQ1 TI1-TDA2EGAHQABCRQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results

Similar Description - TDA2EGAHQABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com