Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65235-1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65235-1
Description  LNB Voltage Regulator With I2C Interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65235-1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65235-1 Datasheet HTML 1Page - Texas Instruments TPS65235-1 Datasheet HTML 2Page - Texas Instruments TPS65235-1 Datasheet HTML 3Page - Texas Instruments TPS65235-1 Datasheet HTML 4Page - Texas Instruments TPS65235-1 Datasheet HTML 5Page - Texas Instruments TPS65235-1 Datasheet HTML 6Page - Texas Instruments TPS65235-1 Datasheet HTML 7Page - Texas Instruments TPS65235-1 Datasheet HTML 8Page - Texas Instruments TPS65235-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
TPS65235-1
SLVSDP1 – JANUARY 2017
www.ti.com
Product Folder Links: TPS65235-1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
VIN, LX, BOOST, VLNB
1
30
V
VCP
VLNB
7
GDR
VLNB
VCP
VCC, EN, ADDR, FAULT, SCL, SDA, VCTRL, EXTM, DOUT, DIN,
TCAP
–0.3
7
ISET
–0.3
3.6
PGND
–0.3
0.3
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101,
all pins(2)
±1500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input operating voltage
4.5
20
V
TA
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS65235-1
UNIT
RUK (WQFN)
20 PINS
RθJA
Junction-to-ambient thermal resistance
44.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47.3
°C/W
RθJB
Junction-to-board thermal resistance
16.5
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
16.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.6
°C/W


Similar Part No. - TPS65235-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65235-3RUKR TI1-TPS65235-3RUKR Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
More results

Similar Description - TPS65235-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS652353 TI1-TPS652353 Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
logo
Texas Instruments
TPS65235 TI1-TPS65235 Datasheet
1Mb / 37P
[Old version datasheet]   LNB Voltage Regulator
TPS65233-1 TI1-TPS65233-1 Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
logo
STMicroelectronics
LNBK10 STMICROELECTRONICS-LNBK10 Datasheet
205Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBP10 STMICROELECTRONICS-LNBP10 Datasheet
204Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBK20D2 STMICROELECTRONICS-LNBK20D2 Datasheet
479Kb / 14P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com