Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65235-1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65235-1
Description  LNB Voltage Regulator With I2C Interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65235-1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65235-1 Datasheet HTML 3Page - Texas Instruments TPS65235-1 Datasheet HTML 4Page - Texas Instruments TPS65235-1 Datasheet HTML 5Page - Texas Instruments TPS65235-1 Datasheet HTML 6Page - Texas Instruments TPS65235-1 Datasheet HTML 7Page - Texas Instruments TPS65235-1 Datasheet HTML 8Page - Texas Instruments TPS65235-1 Datasheet HTML 9Page - Texas Instruments TPS65235-1 Datasheet HTML 10Page - Texas Instruments TPS65235-1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Junction Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
105
110
115
120
125
130
135
D005
Junction Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
620
630
640
650
660
670
680
D006
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
18.1
18.12
18.14
18.16
18.18
18.2
18.22
18.24
18.26
18.28
18.3
D003
Junction Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
3
3.5
4
4.5
5
5.5
6
6.5
7
D004
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
60%
65%
70%
75%
80%
85%
90%
95%
D001
V(LNB) = 13.4 V
V(LNB) = 18.2 V
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
13.35
13.36
13.37
13.38
13.39
13.4
13.41
13.42
13.43
13.44
13.45
D002
7
TPS65235-1
www.ti.com
SLVSDP1 – JANUARY 2017
Product Folder Links: TPS65235-1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
TA = 25°C, VIN = 12 V, fSW = 1 MHz, CBoost = 2 x 22 µF/35 V (unless otherwise noted)
L = 4.7 µH
Figure 1. Power Efficiency
V(LNB) = 13.4 V
Figure 2. Load Regulation
V(LNB) = 18.2 V
Figure 3. Load Regulation
Figure 4. Input Supply Quiescent Current vs Junction
Temperature
Figure 5. Shutdown Current vs Junction Temperature
ILOAD = 650 mA
Figure 6. LNB Current Limit vs Junction Temperature


Similar Part No. - TPS65235-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65235-3RUKR TI1-TPS65235-3RUKR Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
More results

Similar Description - TPS65235-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS652353 TI1-TPS652353 Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
logo
Texas Instruments
TPS65235 TI1-TPS65235 Datasheet
1Mb / 37P
[Old version datasheet]   LNB Voltage Regulator
TPS65233-1 TI1-TPS65233-1 Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
logo
STMicroelectronics
LNBK10 STMICROELECTRONICS-LNBK10 Datasheet
205Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBP10 STMICROELECTRONICS-LNBP10 Datasheet
204Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBK20D2 STMICROELECTRONICS-LNBK20D2 Datasheet
479Kb / 14P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com