Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65235-1RUKR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65235-1RUKR
Description  LNB Voltage Regulator With I2C Interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65235-1RUKR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65235-1RUKR Datasheet HTML 4Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 5Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 6Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 7Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 8Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 9Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 10Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 11Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
PWM Controller
Tone
Generator
REF_Boost
I
2C Interface
REF
REF_Boost
REF_LDO
TCAP
Internal Regulator
VCC
SDA
SCL
Fault Diagnose
OCP
OTP
PGOOD
I2C EN
EN
BOOST
VLNB
VCTRL
Charge Pump
VCP
EN
Logic
ADDR
GDR
DIN
Tone
Det
VLNB
Tone_Auto
Tone_Trans
EXTM
PGND
Copyright © 2016, Texas Instruments Incorporated
8
TPS65235-1
SLVSDP1 – JANUARY 2017
www.ti.com
Product Folder Links: TPS65235-1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
TPS65235-1 is the Power management IC that integrates a boost converter, a LDO and a 22 kHz tone generator
to serve as a LNB power supply. This solution compiles the DiSEqC 2.x standard with or without I2C interface.
Output current limitation can be precisely programmed by an external resistor. There are two ways to generate
the 22 kHz tone signal, with or without I2C. Integrated boost features low Rds(on) MOSFET and internal
compensation. 1 MHz or 500 kHz selectable switching frequency is designed to save passive components size
and be flexible for design.
TPS65235-1 can support the 44-kHz tone output, when the EXTM has 44-kHz tone input, and the bit EXTM
TONE of Control Register 1 is set to “1”, the LNB tone output is 44 kHz. By default, the TPS65235-1 has a
typical 22-kHz tone output.
7.2 Functional Block Diagram


Similar Part No. - TPS65235-1RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65235-3RUKR TI1-TPS65235-3RUKR Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
More results

Similar Description - TPS65235-1RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS652353 TI1-TPS652353 Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
logo
Texas Instruments
TPS65235 TI1-TPS65235 Datasheet
1Mb / 37P
[Old version datasheet]   LNB Voltage Regulator
TPS65233-1 TI1-TPS65233-1 Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
logo
STMicroelectronics
LNBK10 STMICROELECTRONICS-LNBK10 Datasheet
205Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBP10 STMICROELECTRONICS-LNBP10 Datasheet
204Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBK20D2 STMICROELECTRONICS-LNBK20D2 Datasheet
479Kb / 14P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com