Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0201C104D4GACTU Datasheet(PDF) 3 Page - Kemet Corporation

Part # C0201C104D4GACTU
Description  C0G Dielectric, 10 - 250 VDC (Commercial Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0201C104D4GACTU Datasheet(HTML) 3 Page - Kemet Corporation

  C0201C104D4GACTU Datasheet HTML 1Page - Kemet Corporation C0201C104D4GACTU Datasheet HTML 2Page - Kemet Corporation C0201C104D4GACTU Datasheet HTML 3Page - Kemet Corporation C0201C104D4GACTU Datasheet HTML 4Page - Kemet Corporation C0201C104D4GACTU Datasheet HTML 5Page - Kemet Corporation C0201C104D4GACTU Datasheet HTML 6Page - Kemet Corporation C0201C104D4GACTU Datasheet HTML 7Page - Kemet Corporation C0201C104D4GACTU Datasheet HTML 8Page - Kemet Corporation C0201C104D4GACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 3/30/2016
3
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0201
0603
0.60(.024)±0.03(.001) 0.30(.012)±0.03(.001)
SeeTable2for
Thickness
0.15(.006)±0.05(.002)
N/A
SolderReflowOnly
0402
1005
1.00(.040)±0.05(.002) 0.50(.020)±0.05(.002)
0.30(.012)±0.10(.004)
0.30 (.012)
0603
1608
1.60(.063)±0.15(.006) 0.80(.032)±0.15(.006)
0.35(.014)±0.15(.006)
0.70(.028)
Solder Wave or
SolderReflow
0805
2012
2.00(.079)±0.20(.008) 1.25(.049)±0.20(.008)
0.50(0.02)±0.25(.010)
0.75(.030)
1206
3216
3.20(.126)±0.20(.008) 1.60(.063)±0.20(.008)
0.50(0.02)±0.25(.010)
N/A
1210
3225
3.20(.126)±0.20(.008) 2.50(.098)±0.20(.008)
0.50(0.02)±0.25(.010)
SolderReflowOnly
1808
4520
4.70(.185)±0.50(.020) 2.00(.079)±0.20(.008)
0.60(.024)±0.35(.014)
1812
4532
4.50(.177)±0.30(.012) 3.20(.126)±0.30(.012)
0.60(.024)±0.35(.014)
1825
4564
4.50(.177)±0.30(.012) 6.40(.252)±0.40(.016)
0.60(.024)±0.35(.014)
2220
5650
5.70(.224)±0.40(.016) 5.00(.197)±0.40(.016)
0.60(.024)±0.35(.014)
2225
5664
5.60(.220)±0.40(.016) 6.40(.248)±0.40(.016)
0.60(.024)±0.35(.014)


Similar Part No. - C0201C104D4GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0201C104D4GACTU KEMET-C0201C104D4GACTU Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C0201C104D4GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104J3GACAUTO_017 KEMET-C1206C104J3GACAUTO_017 Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CBR02C330F9GAC KEMET-CBR02C330F9GAC Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C519K5GACTU KEMET-C0805C519K5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com