Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQS128 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IQS128
Description  DYCAL??: Intelligent Hysteresis
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS128 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IQS128_16 Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS128_16 Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS128_16 Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS128_16 Datasheet HTML 9Page - List of Unclassifed Manufacturers IQS128_16 Datasheet HTML 10Page - List of Unclassifed Manufacturers IQS128_16 Datasheet HTML 11Page - List of Unclassifed Manufacturers IQS128_16 Datasheet HTML 12Page - List of Unclassifed Manufacturers IQS128_16 Datasheet HTML 13Page - List of Unclassifed Manufacturers IQS128_16 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
IQ Switch
® ProxSense® Series
Copyright © Azoteq (Pty) Ltd 2016
IQS128 Datasheet v3.1
Page 10 of 23
All rights reserved
Check for latest datasheet
March 2016
6.2
LOGIC
The logic used by the device can be selected
as active HIGH or active LOW. The output
pins OUT and CTRL will function based on
this selection.
Configuration: Bank0 bit1: Logic Output
Selection
Bit
Selection
0
Software Open Drain Active Low
1
Active High
A software open drain output is implemented
for the OUT pin when configured in active
low mode. The voltage on the pull-up resistor
is limited to the IQS128 supply voltage. A
4k7-
10kΩ resistor between OUT and VDDHI
is recommended.
6.3 RF Noise on IQS128
The
IQS128
has
RF
Noise
6.3.1
Detection (ND)
The IQS128 has RF Noise Detect (ND)
functionality. If ND function is enabled, the
IQS128 is able to detect RF Noise on the
CTRL / ND pin. Further details on the
working
of
this
can
be
found
in
the
Application Notes: AZD015 and AZD015b.
IQS128 RF Noise Immunity
6.3.2
The IQS128 has advanced immunity to RF
noise
sources
such
as
GSM
cellular
telephones,
DECT,
Bluetooth
and
WIFI
devices. Design guidelines should however
be
followed
to
ensure
the
best
noise
immunity. The design of capacitive sensing
applications can encompass a large range of
situations but as a summary the following
should be noted to improve a design:
A ground plane should be placed
under the IC, except under the Cx
line.
All the tracks on the PCB must be
kept as short as possible.
The capacitor between VDDHI and
VSS as well as between VREG and
VSS, must be placed as close as
possible to the IC.
A 100 pF capacitor should be placed
in parallel with the 1uF capacitor
between VDDHI and VSS. Another
100 pF capacitor can be placed in
parallel
with
the
1uF
capacitor
between VREF and VSS.
If the device is too sensitive for a
specific
application
a
parasitic
capacitor (max 5pF) can be added
between the Cx line and ground.
Proper sense electrode and button
design principles must be followed.
Unintentional
coupling
of
sense
electrode to ground and other circuitry
must be limited by increasing the
distance to these sources.
In some instances a ground plane
some distance from the device and
sense
electrode
may
provide
significant shielding from undesired
interference.
When the capacitance between the sense
electrode and ground becomes too large the
sensitivity of the device may be influenced.
6.4
PTHR[1:0] Proximity Threshold
The
IQS128
has
4
proximity
threshold
settings indicated in CS. The proximity
threshold is selected by the designer to
obtain the desired sensitivity and noise
immunity.
A proximity event is triggered if
the CS diverges more than the selected
count from the LTA for 6 consecutive cycles.
IQS128
Configuration: Bank0 bit 4-3
PTH1:PTH0:Proximity Thresholds
Bit
Selection
00
4
(Most sensitive)
01
8
10
12
11
16
(Least sensitive)
6.5
TTHR[2:0]Touch Threshold
The IQS128 has 8 touch threshold settings
indicated in CS. The touch threshold is
selected by the designer to obtain the
desired touch sensitivity. A touch event is
triggered if the CS diverges more than the
selected
count
from
the
LTA
for
2
consecutive cycles.
In the NO-TOUCH state the CS must diverge
more than the touch threshold value below
the LTA. Operating in the TOUCH STATE,
the CS must diverge more than REL_TTHR of
the touch threshold value above the LTA.


Similar Part No. - IQS128_16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS128L ETC2-IQS128L Datasheet
1Mb / 33P
   Single Channel Capacitive Proximity, Touch Controller
More results

Similar Description - IQS128_16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
MAX40008EVKIT MAXIM-MAX40008EVKIT Datasheet
1Mb / 11P
   Hysteresis Adding Configurable
Rev 1; 6/17
logo
List of Unclassifed Man...
HC ETC-HC Datasheet
204Kb / 1P
   EM Hysteresis Clutch
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
   PM Hysteresis Torque Controller
HB ETC-HB Datasheet
99Kb / 1P
   EM Hysteresis Brake
logo
PIC GmbH
PMC-2003 PIC-PMC-2003 Datasheet
23Kb / 1P
   Wide Hysteresis Reed Switch
logo
List of Unclassifed Man...
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
   PM Hysteresis Torque Controller
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
logo
Maxim Integrated Produc...
MAX9179 MAXIM-MAX9179 Datasheet
291Kb / 11P
   Quad LVDS Receiver with Hysteresis
Rev 0; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com