Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQS229 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IQS229
Description  SAR compliance in mobile devices according to the IEC 62209-2 ed1.0 standard and the FCC standard (KDB 616217 - D04 SAR for laptop and tablets
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS229 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IQS229_16 Datasheet HTML 1Page - List of Unclassifed Manufacturers IQS229_16 Datasheet HTML 2Page - List of Unclassifed Manufacturers IQS229_16 Datasheet HTML 3Page - List of Unclassifed Manufacturers IQS229_16 Datasheet HTML 4Page - List of Unclassifed Manufacturers IQS229_16 Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS229_16 Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS229_16 Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS229_16 Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS229_16 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ProxSense
® Series
Copyright © Azoteq 2016
IQS229 Datasheet v1.9
Page 5 of 18
All Rights Reserved
Check for latest datasheet
March 2016
a time depending on the intensity of the
movement.
1.2.4 External control
The movement output (optional line to
connect to master device) can be used to
signal a “reseed” (t
reseed) or “sleep mode”
(tsleep). A short pulse will force the reference
counts (long-term average) to match the
actual counts (capacitance of sensor). By
writing the pin low for a longer time, will
force the IC into sleep mode for low current
consumption (2uA + required pull-up on
movement pin). When sleep mode is
entered, the IQS229 will reset upon wake-
up.
In sleep mode the output pin is written low
in order to minimise current consumption.
1.2.5 Low power options
As mentioned in the section above, a
charge halt will initiate the sleep mode. The
device will reset and return to normal power
as soon as the line is released.
1.3 Applicability
All specifications, except where specifically
mentioned
otherwise,
provided
by
this
datasheet are applicable to the following
ranges:
Temperature:-40C to +85C
Supply voltage (VDDHI): 1.8V to 3.6V
1.4 Passing
the
SAR
qualification testing with the
IQS229
For design information on passing the SAR
qualification testing with Azoteq movement
based sensors, please see the application
note: “AZD073 SAR qualification with
Azoteq movement-based sensors


Similar Part No. - IQS229_16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS229 ETC2-IQS229 Datasheet
989Kb / 15P
   Single Channel Capacitive Proximity/Touch Controller for SAR Applications
More results

Similar Description - IQS229_16

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7034 SILABS-SI7034 Datasheet
538Kb / 29P
   Mobile smartphones and tablets
logo
List of Unclassifed Man...
35502 ETC2-35502 Datasheet
1Mb / 23P
   The Standard for Tools and Workbench Accessories
35503 ETC2-35503 Datasheet
1Mb / 23P
   The Standard for Tools and Workbench Accessories
logo
Freescale Semiconductor...
IMX5CNFS FREESCALE-IMX5CNFS Datasheet
324Kb / 2P
   Enabling 1080p HD and cost-saving integration in tablets and smart mobile devices
logo
JMK Inc.
HH-2178-4HT JMK-HH-2178-4HT Datasheet
81Kb / 1P
   The filter is available in both the standard model and the high temperature model.
HH-2178-4 JMK-HH-2178-4 Datasheet
82Kb / 1P
   The filter is available in both the standard model and the high temperature model.
logo
Hirose Electric
IX HIROSE-IX_18 Datasheet
296Kb / 6P
   Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
   ATM SAR and PHY Processor for PCI Bus
logo
List of Unclassifed Man...
RS-350-PCAR-I3 ETC2-RS-350-PCAR-I3 Datasheet
1Mb / 2P
   compliance with the newest intel standard ATX 12V V2.3
logo
Tripp Lite. All Rights ...
P01406N TRIPPLITE-P01406N Datasheet
480Kb / 2P
   Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com