Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

231ABB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 231ABB
Description  Integrated SAR user interface offering a simple GPIO output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

231ABB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 231ABB Datasheet HTML 7Page - List of Unclassifed Manufacturers 231ABB Datasheet HTML 8Page - List of Unclassifed Manufacturers 231ABB Datasheet HTML 9Page - List of Unclassifed Manufacturers 231ABB Datasheet HTML 10Page - List of Unclassifed Manufacturers 231ABB Datasheet HTML 11Page - List of Unclassifed Manufacturers 231ABB Datasheet HTML 12Page - List of Unclassifed Manufacturers 231ABB Datasheet HTML 13Page - List of Unclassifed Manufacturers 231ABB Datasheet HTML 14Page - List of Unclassifed Manufacturers 231ABB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ProxSense
® Series
Copyright © Azoteq 2016
IQS231A Datasheet v1.3
Page 11 of 36
All Rights Reserved
Check for latest datasheet
December 2016
Summary: Features (Continued 2
…)
Sync input
In order to ensure a stable sensing environment, sensing may be
done in strategic time windows controlled by a master device.
Automatic tuning
(ATI)
The Automatic tuning implementation (ATI) ensures optimal
sensitivity during runtime for various sensor environments.
Two channels are calibrated (proximity channel and movement
channel). Both run on the same Cx pin in different time slots.
An ATI-block time is defined to prevent re-ATI loops during touch
release events. The ATI-block is fixed for the movement channel,
and fixed for the standard touch/proximity channel
Reference signal
behaviour
Long-term-average (LTA: signal reference) behavior is optimized
for SAR where trigger tests are important in product qualification.
The LTA will therefore be slow while still able to prevent typical
temperature drift from causing activations.
Improved I
2C
interface
Standard I
2C polling for:
Debugging & normal use
Device polling optimized for guaranteed response (within
tCLK_stretch – clock stretching will be applied to the bus SCL
line)


Similar Part No. - 231ABB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
231A ETC2-231A Datasheet
162Kb / 2P
   Auto scans thin Ethernet (BNC),10Base T (UTP/STP), 100BaseTx, RJ45, 356A,TIA-568A,TIA-568B, and Token Ring
logo
3M Electronics
231A 3M-231A Datasheet
126Kb / 5P
   3M??High Performance Masking Tape 231/231A
More results

Similar Description - 231ABB

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8266 ESPRESSIF-ESP8266 Datasheet
3Mb / 117P
   General Purpose Input/Output Interface (GPIO)
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
   Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
logo
NEC
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
   155M ATM INTEGRATED SAR CONTROLLER
logo
Infineon Technologies A...
BGS17GA14 INFINEON-BGS17GA14 Datasheet
712Kb / 13P
   SP7T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
logo
List of Unclassifed Man...
XR3000 ETC2-XR3000 Datasheet
358Kb / 3P
   USER FRIENDLY WEB INTERFACE
logo
PMC-Sierra, Inc
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
   SATURN USER NETWORK INTERFACE
logo
Shenzhen TOPWAY Technol...
TCB5232A TOPWAY-TCB5232A Datasheet
382Kb / 7P
   Interface Board User Manual
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
   SATURN USER NETWORK INTERFACE
logo
Zilog, Inc.
Z8932112ZEM ZILOG-Z8932112ZEM Datasheet
53Kb / 5P
   Windows-Based User Interface
logo
Shenzhen TOPWAY Technol...
TCB5232B TOPWAY-TCB5232B Datasheet
381Kb / 7P
   Interface Board User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com