Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

231AEE Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 231AEE
Description  Integrated SAR user interface offering a simple GPIO output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

231AEE Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 231AEE Datasheet HTML 5Page - List of Unclassifed Manufacturers 231AEE Datasheet HTML 6Page - List of Unclassifed Manufacturers 231AEE Datasheet HTML 7Page - List of Unclassifed Manufacturers 231AEE Datasheet HTML 8Page - List of Unclassifed Manufacturers 231AEE Datasheet HTML 9Page - List of Unclassifed Manufacturers 231AEE Datasheet HTML 10Page - List of Unclassifed Manufacturers 231AEE Datasheet HTML 11Page - List of Unclassifed Manufacturers 231AEE Datasheet HTML 12Page - List of Unclassifed Manufacturers 231AEE Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ProxSense
® Series
Copyright © Azoteq 2016
IQS231A Datasheet v1.3
Page 9 of 36
All Rights Reserved
Check for latest datasheet
December 2016
5 Summary: Features
Pin compatibility
Designs using the IQS229 or IQS128
will benefit from a “drop-in”
replacement on a production device for evaluation.
Using the added I
2C capability on the IQS231A will require an added
connection to the master device.
DYCAL / Quick release
A DYCAL-type implementation (referring to dynamic threshold
calibration) is recommended as main stability feature for the
latest SAR user interface. Passing the device SAR qualification
with this type of interface has been proven successful.
“Quick release” detection is the improved “DYCAL”-type
implementation and focusses on a release characteristic within a
time window.
Movement features add a second level of protection against stuck
conditions with the quick release detection.
The quick release will be detected on the proximity channel (not
the secondary movement channel) and the signal slope will be
monitored to enable the quick release. A single action from a
touch/proximity state will trigger the quick release event and the
event will only remain as long the proximity state holds.
Control in RF
environments
A number of features are offered to ensure operation in various
designs where high power RF signals may influence the sensing
signal:
Increased low frequency sensing options to allow for high
impedance filter circuits
Increased debounce option to prevent RF noise triggers
Advanced temperature compensation for fast temperature
variations caused by high power RF circuits
Advanced
temperature
compensation
An improved temperature compensation feature is offered to
prevent false triggers due to quickly varying temperature
environments.
This
feature
effectively
tracks
temperature
changes when no proximity trigger is present.
UI
User interface selection
The device offers 3 main UIs intended for SAR use. These are:
Proximity UI, no continuous movement sensing
Proximity UI, continuous movement sensing
Proximity & touch UI, continuous movement sensing
during proximity, no movement sensing during touch (No
time-out during long duration stationary SAR tests)
In all cases the use of the quick release feature is recommended
to prevent typical non-human activations from remaining.
In all cases “no movement” and “movement sensing” refers to the
capacitive movement sensing during normal activation. “Hand
held detection” and “quick release” features will enable
movement sensing with a no-movement time-out, irrespective of
which UI is selected.


Similar Part No. - 231AEE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
231A ETC2-231A Datasheet
162Kb / 2P
   Auto scans thin Ethernet (BNC),10Base T (UTP/STP), 100BaseTx, RJ45, 356A,TIA-568A,TIA-568B, and Token Ring
logo
3M Electronics
231A 3M-231A Datasheet
126Kb / 5P
   3M??High Performance Masking Tape 231/231A
More results

Similar Description - 231AEE

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8266 ESPRESSIF-ESP8266 Datasheet
3Mb / 117P
   General Purpose Input/Output Interface (GPIO)
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
   Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
logo
NEC
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
   155M ATM INTEGRATED SAR CONTROLLER
logo
Infineon Technologies A...
BGS17GA14 INFINEON-BGS17GA14 Datasheet
712Kb / 13P
   SP7T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
logo
List of Unclassifed Man...
XR3000 ETC2-XR3000 Datasheet
358Kb / 3P
   USER FRIENDLY WEB INTERFACE
logo
PMC-Sierra, Inc
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
   SATURN USER NETWORK INTERFACE
logo
Shenzhen TOPWAY Technol...
TCB5232A TOPWAY-TCB5232A Datasheet
382Kb / 7P
   Interface Board User Manual
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
   SATURN USER NETWORK INTERFACE
logo
Zilog, Inc.
Z8932112ZEM ZILOG-Z8932112ZEM Datasheet
53Kb / 5P
   Windows-Based User Interface
logo
Shenzhen TOPWAY Technol...
TCB5232B TOPWAY-TCB5232B Datasheet
381Kb / 7P
   Interface Board User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com