Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

231AZZ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 231AZZ
Description  Integrated SAR user interface offering a simple GPIO output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

231AZZ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  231AZZ Datasheet HTML 1Page - List of Unclassifed Manufacturers 231AZZ Datasheet HTML 2Page - List of Unclassifed Manufacturers 231AZZ Datasheet HTML 3Page - List of Unclassifed Manufacturers 231AZZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 231AZZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 231AZZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 231AZZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 231AZZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 231AZZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ProxSense
® Series
Copyright © Azoteq 2016
IQS231A Datasheet v1.3
Page 5 of 36
All Rights Reserved
Check for latest datasheet
December 2016
2 Reference Schematics:
Figure 2.1 IQS231A DFN10 reference schematic
Footnotes:
* R2: Place a 40Ω resistor in the VDDHI supply line to prevent a potential ESD induced latch-
up. Maximum supply current should be limited to 80mA on the IQS231A VDDHI pin to prevent
latch-up.
** C4 & C5: Choose these capacitors based on the selected sampling rate
30Hz
100Hz
8Hz
4Hz
C4
1uF
1uF
2.2uF
4.7uF
C5
1uF
1uF
4.7uF
10uF
***C2: Example load of 10pF. This value may vary to adjust sensitivity. 1pF for higher
sensitivity and up to 60pF for proximity detection use.
****R1: Vary this value to control the RC slope of the capacitance measurement signal. Use for
harmonic suppression and to enable a high impedance sensing path in a low impedance
system.
IQS231A DFN10
IO1/SCL
IO2/SDA
GND
IO2/SDA
LK1
2W-SLink Open
Standalone option: Sensitivity input
GND for more sensitivity
VDDHI
Configure these resistors for IQS231A I2C operation.
PIN8: IQS231A SDA Pull-up
PIN9: IQS231A SCL Pull-up
R2
4.7K
R3
4.7K
VDDHI
IO1/SCL
IO2/SDA
IO2/SDA
IO1/SCL
VREG
VDDHI
NC
NC
NC
NC
40R
*
**
**
***
****
VIN


Similar Part No. - 231AZZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
231A ETC2-231A Datasheet
162Kb / 2P
   Auto scans thin Ethernet (BNC),10Base T (UTP/STP), 100BaseTx, RJ45, 356A,TIA-568A,TIA-568B, and Token Ring
logo
3M Electronics
231A 3M-231A Datasheet
126Kb / 5P
   3M??High Performance Masking Tape 231/231A
More results

Similar Description - 231AZZ

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8266 ESPRESSIF-ESP8266 Datasheet
3Mb / 117P
   General Purpose Input/Output Interface (GPIO)
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
   Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
logo
NEC
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
   155M ATM INTEGRATED SAR CONTROLLER
logo
Infineon Technologies A...
BGS17GA14 INFINEON-BGS17GA14 Datasheet
712Kb / 13P
   SP7T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
logo
List of Unclassifed Man...
XR3000 ETC2-XR3000 Datasheet
358Kb / 3P
   USER FRIENDLY WEB INTERFACE
logo
PMC-Sierra, Inc
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
   SATURN USER NETWORK INTERFACE
logo
Shenzhen TOPWAY Technol...
TCB5232A TOPWAY-TCB5232A Datasheet
382Kb / 7P
   Interface Board User Manual
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
   SATURN USER NETWORK INTERFACE
logo
Zilog, Inc.
Z8932112ZEM ZILOG-Z8932112ZEM Datasheet
53Kb / 5P
   Windows-Based User Interface
logo
Shenzhen TOPWAY Technol...
TCB5232B TOPWAY-TCB5232B Datasheet
381Kb / 7P
   Interface Board User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com