Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3120-F501R-PTT1 Datasheet(PDF) 4 Page - ETAL Group

Part # 3120-F501R-PTT1
Description  Medical and laboratory equipment, apparatus and machine construction, professional tools, household and garden appliances, offices machines, audio equipment, machine tools
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

3120-F501R-PTT1 Datasheet(HTML) 4 Page - ETAL Group

  3120-F501R-PTT1 Datasheet HTML 1Page - ETAL Group 3120-F501R-PTT1 Datasheet HTML 2Page - ETAL Group 3120-F501R-PTT1 Datasheet HTML 3Page - ETAL Group 3120-F501R-PTT1 Datasheet HTML 4Page - ETAL Group 3120-F501R-PTT1 Datasheet HTML 5Page - ETAL Group 3120-F501R-PTT1 Datasheet HTML 6Page - ETAL Group 3120-F501R-PTT1 Datasheet HTML 7Page - ETAL Group 3120-F501R-PTT1 Datasheet HTML 8Page - ETAL Group 3120-F501R-PTT1 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.e-t-a.de
4
Thermal Circuit Breaker 3120-F...
1616
1
Dimensions
12(i) 12(k)
11
12(i) 12(k)11
panel
water splash cover
(see accessories)
retaining clip
cover
12(i)
12(k)
11
12(i)
12(k)
11
12(i)
12(k)
12(i)
12(k)
11
11
74
3120-F2.F-…
3120-F2.F-PT...
16.2
35.4
60±0.1
16.1
14.1
hole for screw
ø 4 mm e.g.: EJOT PT
screw K40
blade terminal EN 60934 – 6.3 x 0.8
flat head screw ISO1580 M3.5x5
tightening torque max. 0.8 Nm
21
10.7
41
15.5
3.5
3
ø3.2
PT-screw
type K40
ø4 mm
21
ø 3.2
42.5
12.65 12.65
5.5
12.65 12.65
5.5
54
42.5
21
16
25
3
3.5
15.5
41
54
OFF position
25
16
10.7
21
blade terminal
EN 60934 – 6.3 x 0.8
flat head screw ISO1580 M3.5x5
tightening torque max. 0.8 Nm
35
25
19.5
3120-F 3.3
collar height 9 mm
54
27
19.5
35
56
3120-F 3.4
with water splash protection (IP54)
3120-F3.1-PT
3120-F3.1
15.5
3.5
blade terminal EN 60934 – 6.3 x 0.8
flat head screw ISO1580 M3.5x5
tightening torque max. 0.8 Nm
3
10.7
21
41
15.5
3.5
3
10.7
21
41
blade terminal EN 60934 – 6.3 x 0.8
flat head screw ISO1580 M3.5x5
tightening torque max. 0.8 Nm


Similar Part No. - 3120-F501R-PTT1

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
3120-LTE-1 MOXA-3120-LTE-1 Datasheet
751Kb / 5P
   Industrial LTE Cat. 1 cellular gateways
More results

Similar Description - 3120-F501R-PTT1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3131-A ETAL-3131-A Datasheet
469Kb / 6P
   Motor protection, transformer protection, household appliances and office equipment, electrical tools, mobile homes, watercraft, construction vehicles, medical equipment
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Hirose Electric
H.FL-DFS111A HIROSE-H.FL-DFS111A Datasheet
253Kb / 24P
   Others, machine tools and jigs
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-C HUAXINAN-NT90TP-C Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com