Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3131-CF1NT0000 Datasheet(PDF) 4 Page - ETAL Group

Part # 3131-CF1NT0000
Description  Motor protection, transformer protection, household appliances and office equipment, electrical tools, mobile homes, watercraft, construction vehicles, medical equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

3131-CF1NT0000 Datasheet(HTML) 4 Page - ETAL Group

  3131-CF1NT0000 Datasheet HTML 1Page - ETAL Group 3131-CF1NT0000 Datasheet HTML 2Page - ETAL Group 3131-CF1NT0000 Datasheet HTML 3Page - ETAL Group 3131-CF1NT0000 Datasheet HTML 4Page - ETAL Group 3131-CF1NT0000 Datasheet HTML 5Page - ETAL Group 3131-CF1NT0000 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Thermal Circuit Breaker / Switch Series 3131
www.e-t-a.de
1646
4
1
List of available legends
Interior light
Anchor light
Cockpit light
Navigation light
UKW-radio
Refrigerator
Anchor
Windshield wiper
Bilge pump
Potable water
Horn
Ventilation fan
Panel light
Navigation instruments
Music
Heating
Shower pump
Icebox
Screenwash
Search light
Autopilot
Trim tabs
Mast lift
Ordering information
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
19
20
23
24
25
26
orientation: 1
orientation: 3
orientation: 4
orientation: 2
symbol 03
O
O
O
O
Ordering Information X3131-...
Type number
X3131 module for type 3131
Actuator style
W rocker soft-touch,
two illumination windows
Actuator colour
A blue / white translucent
B black / white translucent
C skyblue / white translucent
Rocker legends
00 without
... see separate survey of legends
Rocker marking
0 without
A I and 0
Orientation
0
without orientation
1
orientation 1 (standard)
2
orientation 2
3
orientation 3
4
orientation 4
X3131 - W A 01 0 1
ordering example
Further symbols upon request
Navigation light
Cockpit light
Deck light
Anchor light
Toilet
Ordering information
27
28
29
30
31
41
(sailing ship)
(sailing ship)
(sailing ship)
(sailing ship)
Outlet


Similar Part No. - 3131-CF1NT0000

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3131-11.7 KR-3131-11.7 Datasheet
87Kb / 3P
   11.7 MHz Center Frequency
3131-117 KR-3131-117 Datasheet
87Kb / 3P
   11.7 MHz Center Frequency
3131-14 KR-3131-14 Datasheet
87Kb / 3P
   14 MHz Center Frequency
3131-16.6 KR-3131-16.6 Datasheet
87Kb / 3P
   16.6 MHz Center Frequency
3131-166 KR-3131-166 Datasheet
87Kb / 3P
   16.6 MHz Center Frequency
More results

Similar Description - 3131-CF1NT0000

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3130-F ETAL-3130-F Datasheet
269Kb / 6P
   Motors, transformers, solenoids, household and office machines, electrical tools, mobile homes, boating, construction vehicles, medical equipment to EN 60601
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
logo
ETAL Group
3120-F ETAL-3120-F Datasheet
1Mb / 16P
   Medical and laboratory equipment, apparatus and machine construction, professional tools, household and garden appliances, offices machines, audio equipment, machine tools
logo
Renesas Technology Corp
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com