Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3200-0.5A Datasheet(PDF) 1 Page - ETAL Group

Part # 3200-0.5A
Description  Control equipment, extra-low voltage wiring systems and components
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

3200-0.5A Datasheet(HTML) 1 Page - ETAL Group

  3200-0.5A Datasheet HTML 1Page - ETAL Group 3200-0.5A Datasheet HTML 2Page - ETAL Group 3200-0.5A Datasheet HTML 3Page - ETAL Group 3200-0.5A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thermal-Magnetic Overcurrent Circuit Breaker 3200
www.e-t-a.de
1646
1
1
Description
Typical applications
Ordering information
Approvals
Technical data
Single pole thermal-magnetic circuit breaker with tease-free, trip-free,
press-to-reset, snap action mechanism and additional manual release
(M-type TM CBE to EN 60934). Designed for plug-in mounting with E-T-A
sockets 10 and 16.
Approved to CBE standard EN 60934 (IEC 60934).
Control equipment, extra-low voltage wiring systems and components.
3200-...
For further details please see chapter: Technical Information
Voltage rating
AC 240 V, 50/60 Hz; DC 28 V
Current ratings
0.05...25 A
Typical life
500 operations at 1 x IN, inductive
4,000 operations at 1 x IN, resistive
Ambient temperature
-30...+60 °C (-22...+140 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664 A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 3,000 V double insulation
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
0.05...0.8 A
self-limiting
1...2 A
200 A
2.5...25 A
400 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
5 g (57-500 Hz), ± 0.38 mm (10-57 Hz)
to IEC 60068-2-6, test Fc
10 frequency cycles/axis
Shock
25 g (11 ms)
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 50 g
Standard current ratings and typical internal resistances
Type No.
3200
plug-in
Current ratings
0.05...25 A
3200 - 5 A
ordering example
Current
rating (A)
Internal
resistance (Ω)
Current
rating (A)
Internal
resistance (Ω)
0.05
534
4
0.141
0.1
149
5
0.107
0.2
56
6
0.060
0.3
24.2
7
0.049
0.4
13.6
8
< 0.02
0.5
8.1
10
< 0.02
0.6
5.25
12
< 0.02
0.8
3.55
14
< 0.02
1
2.02
15
< 0.02
1.5
0.90
16
< 0.02
2
0.51
18
< 0.02
2.5
0.36
20
< 0.02
3
0.23
25
< 0.02
Authority Standard
Rated voltage
Current ratings
VDE
IEC/EN 60934
AC 240 V
DC 28 V
0.05...25 A
0.05...25 A


Similar Part No. - 3200-0.5A

ManufacturerPart #DatasheetDescription
logo
Kendall Howard
3200-1-001-00 KENDALLHOWARD-3200-1-001-00 Datasheet
345Kb / 1P
   LINIER® WALL MOUNT COMBINATION LOCK
logo
KR Electronics, Inc.
3200-SMA KR-3200-SMA Datasheet
72Kb / 3P
   19.95 MHz Bandpass
More results

Similar Description - 3200-0.5A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
583-G ETAL-583-G Datasheet
267Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
2-6500 ETAL-2-6500 Datasheet
134Kb / 2P
   Motors, transformers, extra low voltage wiring
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com