Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2210-S211-P1M1-Z1 Datasheet(PDF) 2 Page - ETAL Group

Part # 2210-S211-P1M1-Z1
Description  Process control equipment, robotics, machine tool control, communicationssystems, instrumentation, rail vehicles. Special versions, e.g. for aggressive environmental conditions and low voltages (e. g. 5 V) on request
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2210-S211-P1M1-Z1 Datasheet(HTML) 2 Page - ETAL Group

  2210-S211-P1M1-Z1 Datasheet HTML 1Page - ETAL Group 2210-S211-P1M1-Z1 Datasheet HTML 2Page - ETAL Group 2210-S211-P1M1-Z1 Datasheet HTML 3Page - ETAL Group 2210-S211-P1M1-Z1 Datasheet HTML 4Page - ETAL Group 2210-S211-P1M1-Z1 Datasheet HTML 5Page - ETAL Group 2210-S211-P1M1-Z1 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thermal-Magnetic Circuit Breaker 2210-S2...
www.e-t-a.de
1646
2
1
Installation drawing
Dimensions
11
12
24
Z
25° 25°
OFF
ON
19
43
3.5
.268
6x6.8 = 40.8
polarizing tooth
30.5
18
37.5
25
12.5
11.5
12.5
12.5
blade terminals
DIN 46244-A6.3-0.8
(QC .250)
50
32
16
unit III
unit II
unit I
multipole devices
123
.630
1.26
1.97
6x.268 = 1.61
6.8
.138
.748
1.69
1.48
.984
.492
.453
.492 .492
.709
1.20
mounting thread M3
max. screw length 5.8 mm (.228 in.)
tightening torque max. 0.5 Nm
2
operating area
(reinforced insulation)
mounting area
(standard insulation)
11
12
24
123
2
Cut-out dimensions
16
32
ø11.5
3-pole
2-pole
1-pole
ø11.5
90°
recess with panel thickness
s > 1.5 mm (.059 in.)
.453
.630
1.26
.453
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Ordering information
Type No.
2210 single or multipole thermal-magnetic circuit breaker
Mounting
S socket or panel mounting
Actuator design
2 toggle
Number of poles
1 1-pole protected
2 2-pole protected
3 3-pole protected
Panel mounting
1
with M3 thread
Terminal design (main contacts)
P1 blade terminals 6.3-0.8 (QC .250)
Characteristic curve
F1 fast acting: therm.1.01-1.4xI
N;magn.2-4xIN DC (DC only)
F2 fast acting: therm.1.01-1.4xIN;
magn.3.5-6.5xIN AC/ 4.5-8.5xIN DC
M1 standard delay: therm. 1.01-1.4xIN;
magn. 6-12xIN AC;7.8-15.6xIN DC
T1 delayed: therm. 1.01-1.4xIN; magn. 10-20xIN AC
M3 standard delay, low resistance: therm.1.4-1.8xIN;
magn. 6-12xIN AC; 7.8-15.6xIN DC
Intermediate position
H without intermediate position (standard)
Z with intermediate position
Auxiliary contacts
1 with auxiliary contacts in all poles
2 with auxiliary contacts in pole 1
(only multipole devices)
not suitable for Module 17plus
Auxiliary contact function (see diagram)
1 one each N/C and N/O (standard)
4 one N/C contact, closed in the
intermediate and ON position (-Z only)
Auxiliary contact - terminal design
1
same as main terminals
Current ratings
0.1...25 A
2210 - S 2 1 1 - P1 F1 - H 1 1 1 - 10 A ordering example
Approvals
Authority
Standard
Rated voltage Current ratings
VDE
IEC/EN
60934
3 AC 433 V
AC 250 V
DC 65 V
0.1 A…32 A
0.1 A…32 A
0.1 A…32 A
UL
UL 1077
AC 277/480 V
AC 277 V
DC 65 V
0.1 A…32 A
0.1 A…32 A
0.1 A…32 A
CSA
C22.2 No
235
AC 277/480 V
AC 277 V
DC 65 V
0.1 A…32 A
0.1 A…32 A
0.1 A…32 A
CQC
GB 17701
AC 250/433 V
AC 250 V
DC 65 V
0.1 A…25 A
0.1 A…25 A
0.1 A…25 A
GL
IEC/EN
60934
3 AC 433 V
AC 250 V
DC 65 V
0.1 A…32 A
0.1 A…32 A
0.1 A…32 A


Similar Part No. - 2210-S211-P1M1-Z1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-005 ETC2-2210-005 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-010 ETC2-2210-010 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-025 ETC2-2210-025 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-050 ETC2-2210-050 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
More results

Similar Description - 2210-S211-P1M1-Z1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
   Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
logo
Pepperl+Fuchs Inc.
DA6-IU-2K-C PF-DA6-IU-2K-C Datasheet
739Kb / 3P
   Process control and indication equipment
DA6-IU-2K-V PF-DA6-IU-2K-V Datasheet
739Kb / 3P
   Process control and indication equipment
logo
ETAL Group
446-K ETAL-446-K Datasheet
174Kb / 2P
   Heavy duty vehicles, battery systems, process control
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
logo
Schurter Inc.
0888.0221 SCHURTER-0888.0221 Datasheet
215Kb / 3P
   custom specific versions on request
logo
ETAL Group
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
   Surge protection for instrumentation and control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com