Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

413-K14-LN2-50A Datasheet(PDF) 2 Page - ETAL Group

Part # 413-K14-LN2-50A
Description  Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

413-K14-LN2-50A Datasheet(HTML) 2 Page - ETAL Group

  413-K14-LN2-50A Datasheet HTML 1Page - ETAL Group 413-K14-LN2-50A Datasheet HTML 2Page - ETAL Group 413-K14-LN2-50A Datasheet HTML 3Page - ETAL Group 413-K14-LN2-50A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Performance Thermal Circuit Breaker 413-...
www.e-t-a.de
1646
2
1
… times rated current
… times rated current
+75 °C
+167 °F
+23 °C
+73.4 °F
-55 °C
-67 °F
+75 °C
+167 °F
+23 °C
+73.4 °F
-55 °C
-67 °F
12
46 810
20
40
10000
1000
100
10
1
0.1
0.01
0.001
6080100
0.1
0.01
0.001
12
46 810
20
40
10000
1000
100
10
1
6080100
Dimensions
Typical time/current characteristics
Internal connection diagram
black
white
lock
washer
screw ISO1580-M6x8 (-N/-FN)
M6x10 (-LN)
lock washer DIN 137-B6
tightening torque max. 2.5 Nm
max.
3.
5
max.13
8
tightening torque max. 4 Nm
32
.551
SW14
1.26
mounting holes
tightening torque max. 4 Nm
black
white
lock
washer
max.
3.5
ma
x.13
8
32
.551
SW14
current rating in A
mounting holes
min. ø3.2
min .126
35°
35°
23
M12x1
M12x1
23
35°
35°
9.5
location pin
.374
1.26
.906
ø10.6
.417
current rating in A
min. ø3.2
min .126
thickness 1.5 - 3 mm
.059 - .118 in.
location pin
9.5
.374
.906
ø10.6
.417
413-K14-...
413-K14-LN2
413-K54-...
413-K54-FN2/-N2
screw ISO1580-M6x8 (-N/-FN)
M6x10 (-LN)
lock washer DIN 137-B6
tightening torque max. 2.5 Nm
thickness 1.5 - 3 mm
.059 - .118 in.
2
line 1
413-...-FN2 30...55 A
413-...-LN2/-N2 30...90 A
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 413-K14-LN2-50A

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
413-1-G HELLERMANNTYTON-413-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
List of Unclassifed Man...
413-2646 ETC2-413-2646 Datasheet
28Kb / 1P
   Perfect for cutting jackets off a variety of fibre optic cable
More results

Similar Description - 413-K14-LN2-50A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
482-G ETAL-482-G Datasheet
261Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
583-G ETAL-583-G Datasheet
267Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com